Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS85LC Datasheet(PDF) 1 Page - TOKO, Inc

Part # DS85LC
Description  Fixed Inductors for Surface Mounting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DS85LC Datasheet(HTML) 1 Page - TOKO, Inc

  DS85LC Datasheet HTML 1Page - TOKO, Inc DS85LC Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fixed Inductors for Surface Mounting 面実装
づけ
用 固定インダクタ
TYPE DS84LC (Quantity/reel; 500 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(3)
TOKO
Part
Number
Inductance(1)
(µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max.
B1015AS-1R0N
1.0
±30
11
8.0
6.9
B1015AS-1R5N
1.5
±30
14
6.6
6.2
B1015AS-2R2N
2.2
±30
18
5.5
5.1
B1015AS-3R0N
3.0
±30
24
4.8
4.3
B1015AS-3R9N
3.9
±30
33
4.2
3.6
B1015AS-4R7N
4.7
±30
38
3.8
3.3
B1015AS-5R6N
5.6
±30
41
3.5
3.1
B1015AS-6R8N
6.8
±30
51
3.2
2.7
B1015AS-8R2N
8.2
±30
62
2.9
2.5
B1015AS-100M
10.0
±20
71
2.7
2.2
(1)Inductance is measured with a LCR meter 4284A* or equvalent.
Test frequency at 100kHz
(2)DC Resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3)Maximum allowable DC current is that which causes a 10%
inductance reduction from the initial value, coil temperature to rise
by 40
℃, whichever is smaller.
( Reference ambient temperature 20
℃)
* Agilent Technologies
(1) インダクタンスはLCRメータ4284A*または同等品により測定する。
測定周波数は100kHzです。
(2) 直流抵抗はデジタルマルチメータTR6871(Advantest)または同等品に
より測定する。
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が初期
値より10%減少する直流電流値、または直流電流により、コイルの
温度が40℃上昇の何れか小さい値です。
(周囲温度20℃を基準とする。
)
*Agilent Technologies
DS84LC / DS85LC / DS86C
DIMENSIONS/外形寸法図
Recommended patterns
推奨パターン図
8.4 Max.
*
4.1
2.0
2.0
(Unit:mm)
3.5
8.7
FEATURES/特長
• 8.4×8.3mm Max. square, 4.0, 5.0, and 6.8mm Max.
height).
• Magnetically shielded construction and low DC resistance.
• Suitable for large currents.
• RoHS compliant.
Note (*) DS84LC; 4.0mm Max. height
DS85LC; 5.0mm Max. height
DS86C; 6.8mm Max. height
• 8.4
×8.3mm角Max. 高さ4.0, 5.0 および6.8mm Max.)
• 閉磁路構造、 低直流抵抗
• 大電流対応
• RoHS指令対応
(Unit: mm)
(Unit: mm)
Inductance Range:
1.0~10µH(DS84LC), 1.1
~82µH(DS85LC), 1.3~220µH(DS86C)
SELECTION GUIDE FOR STANDARD COILS
Inductance
Decrease Current(3)
(A) Max.
=10%
∆L
L
Temperature
Rise Current(3)
∆ T=40°C
(A) Max.
MEASUREMENT CONDITION/測定条件


Similar Part No. - DS85LC

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DS85LCB TOKO-DS85LCB Datasheet
249Kb / 1P
Magnetically shielded construction and low DC resistance
More results

Similar Description - DS85LC

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
Fixed Inductors for Surface Mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com