Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA1055-R56M Datasheet(PDF) 1 Page - TOKO, Inc

Part # FDA1055-R56M
Description  Fixed Inductors for Surface Mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

FDA1055-R56M Datasheet(HTML) 1 Page - TOKO, Inc

  FDA1055-R56M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fixed Inductors for Surface Mounting 実装
づけ
用 固定インダクタ
FDA1055
DIMENSIONS/外形寸法図
10.8
5.5 Max.
2.5
1.5
C
11.6
11.6
11.6
11.4
11.3
11.3
1.9
1.9
1.9
1.7
1.4
1.4
6.5
A
FDA1055-R56M
FDA1055-1R2M
FDA1055-1R5M
FDA1055-2R2M
FDA1055-3R3M
FDA1055-4R7M
Parts NO.
B
C
6.5
6.5
6.4
6.4
6.4
Tolerance : ±0.3
NC
※ダミー端子:浮きランドに
 半田付けして下さい。
FEATURES/特長
• 11.7×10.8mm square and 5.5mm Max. height.
• Magnetically shielded, low DC resistance.
• Suitable for large current
• The use of magnetic metal alloy powder ensure capability
for large current.
• Low audible core noise.
• Ideal for DC-DC converter applications in hand held
personal computer and etc.
• RoHS compliant.
• 11.6×10.8mm 角、高さ5.5mm Max.
• 閉磁路、低直流抵抗
• 大電流対応
• 磁性材に合金系磁性粉を用いた大電流対応
• 低コア鳴きノイズ
• ノートパソコンなどのDC-DC コンバータなどに最適
• RoHS指令対応
(Unit: mm)
TYPE FDA1055 (Quantity/reel; 500 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(4)
TOKO
Part
Number
Inductance(1)
(µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max. (Typ.)
FDA1055-R56M
0.56
±20
1.8 (1.42)
27.7 (36.9)
22.7 (28.4)
FDA1055-1R2M
1.2
±20
2.9 (2.34)
20.0 (26.6)
17.9 (22.4)
FDA1055-1R5M
1.5
±20
3.5 (2.80)
18.0 (24.0)
16.6(20.8)
FDA1055-2R2M
2.2
±20
4.8 (3.94)
15.5 (20.6)
13.6 (17.0)
FDA1055-3R3M
3.3
±20
7.3 (5.92)
11.7 (15.6)
11.2 (14.0)
FDA1055-4R7M
4.7
±20
11.0 (8.7)
9.9 (13.1)
9.1 (11.4)
Inductance Range:
0.56~4.7µH
SELECTION GUIDE FOR STANDARD COILS
Inductance
Decrease Current(3)
(A) Max. (Typ.)
=20%
∆L
L
Temperature
Rise Current(4)
∆ T=40°C
(A) Max. (Typ.)
Recommended patterns
推奨パターン図
3.0
4.3
2.0
2.0
(Unit: mm)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100KHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (environment temp. of 25°C)
(3) Inductance Decrease Current based upon 20% inductance reduction
from the initial value
(4) Temperature Rise Current based upon 40°C temperature rise.
(Reference ambient temperature 20°C)
(5) Absolute maximum voltage 30VDC.
(1)インダクタンスはLCR メータ4284A(Agilent Technologies)また
は同等品により測定する。
測定周波数は100KHzです。
(2)直流抵抗は測定器34420A(Agilent Technologies)または
3541(HIOKI)と同等品により測定する。(周囲温度25℃)
(3)直流重畳許容電流:直流重畳電流を流した時インダクタンスの値が
初期値より20%減少する直流電流値
(4)温度上昇許容電流:コイルの温度が40℃上昇する値
(周囲温度25℃を基準とする。)
(5)絶対最大電圧 30VDC
NOTICE: Please be sure that you carefully discuss your planned
purchase with our sales division if you intend to use the
product for business use etc. is severe.
御注意:業務用など、厳しい使用条件でのご使用をご検討の場合
は必ず事前に弊社営業窓口までご相談ください。


Similar Part No. - FDA1055-R56M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FDA1055-3R3M TI-FDA1055-3R3M Datasheet
909Kb / 33P
Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
logo
TOKO, Inc
FDA1055-H-1R2M TOKO-FDA1055-H-1R2M Datasheet
254Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
FDA1055-H-1R2M MURATA-FDA1055-H-1R2M Datasheet
980Kb / 2P
Inductor
logo
TOKO, Inc
FDA1055-H-1R5M TOKO-FDA1055-H-1R5M Datasheet
254Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
FDA1055-H-1R5M MURATA-FDA1055-H-1R5M Datasheet
980Kb / 2P
Inductor
More results

Similar Description - FDA1055-R56M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
Fixed Inductors for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com