Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM76 Datasheet(PDF) 3 Page - Bi technologies

Part # HM76
Description  Drum Core, Space Efficient High Performance Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM76 Datasheet(HTML) 3 Page - Bi technologies

  HM76 Datasheet HTML 1Page - Bi technologies HM76 Datasheet HTML 2Page - Bi technologies HM76 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
58
Packaging
Standard:
Embossed Tape and Reel
All units orientated with lead #1 to the same side of sprocket hole.
Reel:
Diameter: Case size 10
=
7” (177.8mm)
All Other Case Sizes
=
13” (330.2mm)
Capacity:
Case size 10
=
500 Units
Case size 20
=
1,000 Units
Case size 30
=
350 Units
Case size 40
=
200 Units
Case size 50
=
200 Units
Ordering Information
Inductance Code:
First 2 digits are significant. Last digit
denotes the number of trailing zeros.
Model Series
Case Size:
10 (Figure 1) 40 (Figure 3)
20 (Figure 2) 50 (Figure 4)
30 (Figure 1)
Termination Type
HM76
20
100
J
LF
TR13
Outline Dimensions (Inch/mm)
Figure 1
( Case Size: 10 & 30 )
Figure 2
( Case Size: 20 )
Figure 3
( Case Size: 40 )
Figure 4
( Case Size: 50 )
Recommended Solder Pad Layout
(1) For Case Size: 10, 20, 30 & 50
(2) For Case Size: 40
Lead-Free
TR: Tape & Reel
Packing
7 – 7” reel
13 – 13” reel
100
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com