Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD829 Datasheet(PDF) 13 Page - Analog Devices

Part # AD829
Description  High Speed, Low Noise Video Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD829 Datasheet HTML 8Page - Analog Devices AD829 Datasheet HTML 9Page - Analog Devices AD829 Datasheet HTML 10Page - Analog Devices AD829 Datasheet HTML 11Page - Analog Devices AD829 Datasheet HTML 12Page - Analog Devices AD829 Datasheet HTML 13Page - Analog Devices AD829 Datasheet HTML 14Page - Analog Devices AD829 Datasheet HTML 15Page - Analog Devices AD829 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. G
AD829
–13–
50
50
COAX
CABLE
0.1 F
3pF
CCOMP
0.1 F
AD829
VOUT
+15V
VIN
–15V
50
50
COAX
CABLE
50
2k
2k
Figure 17. Noninverting Amplifier Connection Using
Current Feedback Compensation
0.1 F
30pF
0.1 F
AD829
VOUT
+15V
VIN
–15V
75
75
COAX
CABLE
75
300
OPTIONAL
2pF to 7pF
FLATNESS
TRIM
CCOMP
300
75
Figure 18. A Video Line Driver with a Flatness over
Frequency Adjustment
The input amplifiers operate at a gain of 20, while the output
op amp runs at a gain of 5. In this circuit, the main bandwidth
limitation is the gain/bandwidth product of the output amplifier.
Extra care should be taken while breadboarding this circuit, since
even a couple of extra picofarads of stray capacitance at the com-
pensation pins of A1 and A2 will degrade circuit bandwidth.
+15V
–15V
COMM
10 F
EACH
AMPLIFIER
10 F
0.1 F
0.1 F
+VS
1 F
1 F
0.1 F
0.1 F
–VS
PIN 4
PIN 7
INPUT
FREQUENCY
CMRR
100 Hz
1 MHz
10 MHz
64.6dB
44.7dB
23.9dB
AD829
+VIN
2pF to 8pF
SETTLING TIME
AC CMR ADJUST
3pF
AD829
3pF
1pF
1pF
2k
2k
RG
210
AD848
(G = 5)
A1
A2
A3
+VIN
200
200
970
50
DC CMR
ADJUST
1k
3pF
2k
(G = 20)
(G = 20)
CIRCUIT GAIN =
(4000
RG
+ 1
( 5
Figure 19. A High Gain, Video Bandwidth, Three Op Amp In Amp Circuit
FREQUENCY (MHz)
–47
100
110
–44
–41
–38
–35
–32
–29
–26
–23
–20
–17
VIN = –20dBM
RL = 1k
RF = 1k
GAIN = –1
CCOMP = 4pF
15V
5V
Figure 16. Closed-Loop Frequency Response vs. Supply
for the Inverting Amplifier Using Current Feedback
Compensation
A Low Error Video Line Driver
The buffer circuit shown in Figure 18 will drive a back-terminated
75
Ω video line to standard video levels (1 V p-p) with 0.1 dB
gain flatness to 30 MHz with only 0.04
° and 0.02% differential
phase and gain at the 4.43 MHz PAL color subcarrier frequency.
This level of performance, which meets the requirements for high
definition video displays and test equipment, is achieved using
only 5 mA quiescent current.
A High Gain, Video Bandwidth, Three Op Amp In Amp
Figure 19 shows a three op amp instrumentation amplifier circuit
that provides a gain of 100 at video bandwidths. At a circuit gain
of 100, the small signal bandwidth equals 18 MHz into a FET
probe. Small signal bandwidth equals 6.6 MHz with a 50
Ω load.
The 0.1% settling time is 300 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com