Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7314ARM Datasheet(PDF) 2 Page - Analog Devices

Part # AD7314ARM
Description  Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7314ARM Datasheet(HTML) 2 Page - Analog Devices

  AD7314ARM Datasheet HTML 1Page - Analog Devices AD7314ARM Datasheet HTML 2Page - Analog Devices AD7314ARM Datasheet HTML 3Page - Analog Devices AD7314ARM Datasheet HTML 4Page - Analog Devices AD7314ARM Datasheet HTML 5Page - Analog Devices AD7314ARM Datasheet HTML 6Page - Analog Devices AD7314ARM Datasheet HTML 7Page - Analog Devices AD7314ARM Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. A
–2–
AD7314–SPECIFICATIONS*(T
A = TMIN to TMAX, VDD = 2.65 V to 5.5 V, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE SENSOR AND ADC
Accuracy
±2.0
∞CTA = –35∞C to +85∞C. VDD = 2.65 V to 2.9 V
±1.0
∞CTA = –35∞C to +85∞C. VDD = 3 V to 5.5 V
Resolution
10
Bits
Update Rate, tR
400
ms
Temperature Conversion Time
25
ms
SUPPLIES
Supply Voltage
2.65
5.5
V
For Specified Performance
Supply Current
Normal Mode (Inactive)
250
300
mA
Part Not Converting, VDD = 2.65 V to 2.9 V
275
mA
Part Not Converting, VDD = 3 V to 5.5 V
Normal Mode (Active)
1
mA
Part Converting, VDD = 2.65 V to 2.9 V
1.2
mA
Part Converting, VDD = 3 V to 5.5 V
Shutdown Mode
1
mAVDD = 2.65 V to 2.9 V
1
mAVDD = 3 V to 5.5 V
Power Dissipation
860
mWVDD = 2.65 V. Using Normal Mode
(Auto Conversion)
Power Dissipation
VDD = 2.65 V. Using Shutdown Mode
1 SPS
3
mW
10 SPS
3.3
mW
100 SPS
6
mW
DIGITAL INPUT
Input High Voltage, VIH
1.85
V
VDD = 2.65 V to 2.9 V
Input Low Voltage, VIL
0.53
V
VDD = 2.65 V to 2.9 V
Input High Voltage, VIH
2.4
V
VDD = 3 V to 5.5 V
Input Low Voltage, VIL
0.8
V
VDD = 3 V to 5.5 V
Input Current, IIN
±1
mAVIN = 0 V to VDD
Input Capacitance, CIN
10
pF
All Digital Inputs
DIGITAL OUTPUT
Output High Voltage, VOH
2.4
V
ISOURCE = ISINK = 200
mA
Output Low Voltage, VOL
0.4
V
IOL = 200
mA
Output Capacitance, COUT
50
pF
*All specifications apply for –35
∞C to +85∞C, unless otherwise noted.
Specifications subject to change without notice.
TIMING CHARACTERISTICS1, 2
Parameter
Limit
Unit
Comments
t1
0
ns min
CE to SCLK Setup Time
t2
50
ns min
SCLK High Pulse Width
t3
50
ns min
SCLK Low Pulse Width
t4
4
35
ns max
Data Access Time after SCLK Rising Edge
t5
20
ns min
Data Setup Time prior to SCLK Falling Edge
t6
0
ns min
Data Hold Time after SCLK Falling Edge
t7
0
ns min
CE to SCLK Hold Time
t8
4
40
ns max
CE to SDO High Impedance
NOTES
1Guaranteed by design and characterization, not production tested.
2All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and are timed from a voltage level of 1.6 V.
3All specifications apply for –35
∞C to +85∞C, unless otherwise noted.
4Measured with the load circuit of Figure 2.
Specifications subject to change without notice.
(TA
3 = T
MIN to TMAX, VDD = 2.65 V to 5.5 V, unless otherwise noted. See Figure 1.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com