Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7401EB Datasheet(PDF) 13 Page - Analog Devices

Part # EVAL-AD7401EB
Description  Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7401EB Datasheet(HTML) 13 Page - Analog Devices

Back Button EVAL-AD7401EB Datasheet HTML 9Page - Analog Devices EVAL-AD7401EB Datasheet HTML 10Page - Analog Devices EVAL-AD7401EB Datasheet HTML 11Page - Analog Devices EVAL-AD7401EB Datasheet HTML 12Page - Analog Devices EVAL-AD7401EB Datasheet HTML 13Page - Analog Devices EVAL-AD7401EB Datasheet HTML 14Page - Analog Devices EVAL-AD7401EB Datasheet HTML 15Page - Analog Devices EVAL-AD7401EB Datasheet HTML 16Page - Analog Devices EVAL-AD7401EB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD7401
Rev. A | Page 13 of 20
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD7401 isolated Σ-Δ modulator converts an analog input
signal into a high speed (20 MHz maximum), single-bit data
stream; the time average of the modulator’s single-bit data is
directly proportional to the input signal. Figure 23 shows a
typical application circuit where the AD7401 is used to provide
isolation between the analog input, a current sensing resistor,
and the digital output, which is then processed by a digital filter
to provide an N-bit word.
ANALOG INPUT
The differential analog input of the AD7401 is implemented
with a switched capacitor circuit. This circuit implements a
second-order modulator stage that digitizes the input signal
into a 1-bit output stream. The sample clock (MCLKIN)
provides the clock signal for the conversion process as well as
the output data-framing clock. This clock source is external
on the AD7401. The analog input signal is continuously
sampled by the modulator and compared to an internal
voltage reference. A digital stream that accurately represents
the analog input over time appears at the output of the
converter (see Figure 21).
MODULATOR OUTPUT
+FS ANALOG INPUT
–FS ANALOG INPUT
ANALOG INPUT
Figure 21. Analog Input vs. Modulator Output
A differential signal of 0 V results (ideally) in a stream of 1s and
0s at the MDAT output pin. This output is high 50% of the time
and low 50% of the time. A differential input of 200 mV
produces a stream of 1s and 0s that are high 81.25% of the time.
A differential input of −200 mV produces a stream of 1s and 0s
that are high 18.75% of the time.
A differential input of 320 mV results in a stream of ideally all
1s. This is the absolute full-scale range of the AD7401, while
200 mV is the specified full-scale range, as shown in Table 9.
Table 9. Analog Input Range
Analog Input
Voltage Input
Full-Scale Range
+640 mV
Positive Full-Scale
+320 mV
Positive Specified Input Range
+200 mV
Zero
0 mV
Negative Specified Input Range
−200 mV
Negative Full-Scale
−320 mV
To reconstruct the original information, this output needs to be
digitally filtered and decimated. A Sinc3 filter is recommended
because this is one order higher than that of the AD7401
modulator. If a 256 decimation rate is used, the resulting
16-bit word rate is 62.5 kHz, assuming a 16 MHz external clock
frequency. Figure 22 shows the transfer function of the AD7401
relative to the 16-bit output.
65535
53248
SPECIFIED RANGE
ANALOG INPUT
12288
–320mV
–200mV
+200mV +320mV
0
Figure 22. Filtered and Decimated 16-Bit Transfer Characteristic
Σ-Δ
MOD/
ENCODER
INPUT
CURRENT
NONISOLATED
5V/3V
ISOLATED
5V
VDD1
RSHUNT
VIN+
VIN–
GND1
VDD
GND
VDD2
MDAT
MDAT
SINC3 FILTER
AD7401
MCLKIN
SDAT
CS
SCLK
MCLK
GND2
DECODER
DECODER
+
ENCODER
Figure 23. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com