Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8038AKS-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8038AKS-R2
Description  Low Power 350 MHz Voltage Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8038AKS-R2 Datasheet(HTML) 2 Page - Analog Devices

  AD8038AKS-R2 Datasheet HTML 1Page - Analog Devices AD8038AKS-R2 Datasheet HTML 2Page - Analog Devices AD8038AKS-R2 Datasheet HTML 3Page - Analog Devices AD8038AKS-R2 Datasheet HTML 4Page - Analog Devices AD8038AKS-R2 Datasheet HTML 5Page - Analog Devices AD8038AKS-R2 Datasheet HTML 6Page - Analog Devices AD8038AKS-R2 Datasheet HTML 7Page - Analog Devices AD8038AKS-R2 Datasheet HTML 8Page - Analog Devices AD8038AKS-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. F
–2–
AD8038/AD8039–SPECIFICATIONS (T
A = 25 C, VS =
5 V, RL = 2 k , Gain = +1, unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +1, VO = 0.5 V p-p
300
350
MHz
G = +2, VO = 0.5 V p-p
175
MHz
G = +1, VO = 2 V p-p
100
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 0.2 V p-p
45
MHz
Slew Rate
G = +1, VO = 2 V Step, RL = 2 k
Ω
400
425
V/
µs
Overdrive Recovery Time
G = +2, 1 V Overdrive
50
ns
Settling Time to 0.1%
G = +2, VO = 2 V Step
18
ns
NOISE/HARMONIC PERFORMANCE
SFDR
Second Harmonic
fC = 1 MHz, VO = 2 V p-p, RL = 2 k
Ω
–90
dBc
Third Harmonic
fC = 1 MHz, VO = 2 V p-p, RL = 2 k
Ω
–92
dBc
Second Harmonic
fC = 5 MHz, VO = 2 V p-p, RL = 2 k
Ω
–65
dBc
Third Harmonic
fC = 5 MHz, VO = 2 V p-p, RL = 2 k
Ω
–70
dBc
Crosstalk, Output-to-Output (AD8039)
f = 5 MHz, G = +2
–70
dB
Input Voltage Noise
f = 100 kHz
8
nV/
√Hz
Input Current Noise
f = 100 kHz
600
fA/
√Hz
DC PERFORMANCE
Input Offset Voltage
0.5
3
mV
Input Offset Voltage Drift
4.5
µV/°C
Input Bias Current
400
750
nA
Input Bias Current Drift
3nA/
°C
Input Offset Current
25
±nA
Open-Loop Gain
VO =
±2.5 V
70
dB
INPUT CHARACTERISTICS
Input Resistance
10
M
Ω
Input Capacitance
2pF
Input Common-Mode Voltage Range
RL = 1 k
Ω±4V
Common-Mode Rejection Ratio
VCM =
±2.5 V
61
67
dB
OUTPUT CHARACTERISTICS
DC Output Voltage Swing
RL = 2 k
Ω, Saturated Output
±4V
Capacitive Load Drive
30% Overshoot, G = +2
20
pF
POWER SUPPLY
Operating Range
3.0
12
V
Quiescent Current per Amplifier
1.0
1.5
mA
Power Supply Rejection Ratio
– Supply
–71
–77
dB
+ Supply
–64
–70
dB
POWER-DOWN DISABLE
*
Turn-On Time
180
ns
Turn-Off Time
700
ns
Disable Voltage—Part is OFF
+VS – 4.5
V
Disable Voltage—Part is ON
+VS – 2.5
V
Disabled Quiescent Current
0.2
mA
Disabled In/Out Isolation
f = 1 MHz
–60
dB
*Only available in AD8038 SOIC-8 package.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com