Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8052 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8052
Description  Low Cost, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8052 Datasheet HTML 9Page - Analog Devices AD8052 Datasheet HTML 10Page - Analog Devices AD8052 Datasheet HTML 11Page - Analog Devices AD8052 Datasheet HTML 12Page - Analog Devices AD8052 Datasheet HTML 13Page - Analog Devices AD8052 Datasheet HTML 14Page - Analog Devices AD8052 Datasheet HTML 15Page - Analog Devices AD8052 Datasheet HTML 16Page - Analog Devices AD8052 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8051/AD8052/AD8054
Rev. G | Page 13 of 24
FREQUENCY (MHz)
–10
–20
0.1
500
100
–50
–80
–90
–100
–30
–40
–70
–60
110
VS = 5V
RF = 2kΩ
RL = 2kΩ
VO = 2V p-p
–10
–50
–100
–20
–30
–40
–60
–70
–80
–90
–110
FREQUENCY (MHz)
RL = 100Ω
RL = 1kΩ
VS = ±5V
RF = 1kΩ
RL =AS SHOWN
VO = 2V p-p
0.1
1
10
100
500
Figure 25. AD8052 Crosstalk (Output-to-Output) vs. Frequency
Figure 28. AD8054 Crosstalk (Output-to-Output) vs. Frequency
FREQUENCY (MHz)
0
–10
–100
–40
–70
–80
–90
–20
–30
–60
–50
VS = 5V
0.03
0.1
1
10
100
500
FREQUENCY (MHz)
20
–10
–30
–50
–70
10
0
–20
–40
–60
–80
–PSRR
+PSRR
VS = 5V
0.01
0.1
1
10
100
500
Figure 29. PSRR vs. Frequency
Figure 26. CMRR vs. Frequency
INPUT STEP (V p-p)
60
0
40
30
20
10
50
70
AD8051/AD8052
AD8054
0.5
1.0
1.5
2.0
VS = 5V
G = –1
RL = 2kΩ
FREQUENCY (MHz)
100.000
3.100
0.100
0.031
0.010
31.000
10.000
0.310
1.000
VS =5V
G = +1
0.1
1
10
100
500
Figure 27. Closed-Loop Output Resistance vs. Frequency
Figure 30. Settling Time vs. Input Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com