Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDV0630-R60M Datasheet(PDF) 1 Page - TOKO, Inc

Part # FDV0630-R60M
Description  Fixed Inductors for Surface Mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

FDV0630-R60M Datasheet(HTML) 1 Page - TOKO, Inc

  FDV0630-R60M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fixed Inductors for Surface Mounting 実装
づけ
用 固定インダクタ
FDV0630
DIMENSIONS/外形寸法図
Recommended patterns
推奨パターン図
7.4
3.0 Max.
1.4
(4.6)
1.4
Tolerance :
±0.3
2.0
2.0
4.0
FEATURES/特長
• 7.4×6.7mm square and 3.0mm Max. height.
• Magnetically shielded construction low DC resistance.
• Suitable for large current
• The use of magnetic metal alloy powder ensure capability
for large current and compact size.
• Low audible core noise.
• Ideal for DC-DC converter applications in hand held
personal computer and etc.
• RoHS compliant.
• 7.4
×6.7mm 角、高さ3.0mm Max.
• 閉磁路構造、低直流抵抗
• 大電流対応
• 磁性材に合金系磁性粉を用いた大電流対応と小型化を両立
• 低コア鳴きノイズ
• ノートパソコンなどのDC-DCコンバータなどに最適
• RoHS指令対応
(Unit: mm)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100KHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (environment temp. of 25°C)
(3) Inductance Decrease Current based upon 20% inductance reduction
from the initial value
(4) Temperature Rise Current based upon 40°C temperature rise.
(Reference ambient temperature 25°C)
(5) Absolute maximum voltage 30VDC.
(1)インダクタンスはLCR メータ4284A(Agilent Technologies)また
は同等品により測定する。
測定周波数は100KHzです。
(2)直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25℃)
(3)直流重畳許容電流:直流重畳電流を流した時インダクタンスの値が
初期値より20%減少する直流電流値
(4)温度上昇許容電流:コイルの温度が40℃上昇する値
(周囲温度25℃を基準とする。)
(5)絶対最大電圧 30VDC
Inductance Range:
0.2~4.7µH
SELECTION GUIDE FOR STANDARD COILS
TYPE FDV0630 (Quantity/reel; 1,000 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(4)
TOKO
Part
Number
Inductance(1)
(µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max. (Typ.)
FDV0630-R20M
0.20
±20
2.4 (1.8)
19.0 (25.7)
16.3 (21.8)
FDV0630-R47M
0.47
±20
4.6 (3.5)
16.0 (18.0)
11.5 (16.6)
FDV0630-R60M
0.60
±20
6.5 (5.1)
13.5 (17.0)
10.0 (13.3)
FDV0630-R75M
0.75
±20
7.5 (5.9)
10.0 (13.9)
8.9 (11.8)
FDV0630-1R0M
1.0
±20
10.0 (7.9)
9.1 (11.9)
7.7 (10.3)
FDV0630-1R8M
1.8
±20
18.0 (14.3)
6.6 (9.0)
5.7 (7.5)
FDV0630-2R2M
2.2
±20
21.0 (16.1)
6.4 (8.7)
5.3 (7.2)
FDV0630-2R7M
2.7
±20
27.0 (21.7)
5.4 (7.3)
4.4 (5.9)
FDV0630-3R3M
3.3
±20
31.0 (24.5)
5.2 (6.9)
4.3 (5.7)
FDV0630-4R3M
4.3
±20
45.0 (35.6)
4.5 (5.8)
3.4 (4.6)
FDV0630-4R7M
4.7
±20
49.0 (39.0)
4.2 (5.5)
3.3 (4.4)
Inductance
Decrease Current(3)
(A) Max. (Typ.)
=20%
∆L
L
Temperature
Rise Current(4)
∆ T=40°C
(A) Max. (Typ.)
(Unit: mm)
NOTICE: Please be sure that you carefully discuss your planned
purchase with our sales division if you intend to use the
product for business use etc. is severe.
御注意:業務用など、厳しい使用条件でのご使用をご検討の場合
は必ず事前に弊社営業窓口までご相談ください。


Similar Part No. - FDV0630-R60M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
FDV0618 TOKO-FDV0618 Datasheet
120Kb / 1P
Magnetically shielded construction, low DC resistance
FDV0618-H-1R0M TOKO-FDV0618-H-1R0M Datasheet
257Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
FDV0618-H-1R0M MURATA-FDV0618-H-1R0M Datasheet
977Kb / 2P
Inductor
logo
TOKO, Inc
FDV0618-H-1R5N TOKO-FDV0618-H-1R5N Datasheet
257Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
FDV0618-H-1R5N MURATA-FDV0618-H-1R5N Datasheet
977Kb / 2P
Inductor
More results

Similar Description - FDV0630-R60M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
Fixed Inductors for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com