Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFC Datasheet(PDF) 2 Page - TOKO, Inc

Part # LFC
Description  AM CERAMIC FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LFC Datasheet(HTML) 2 Page - TOKO, Inc

  LFC Datasheet HTML 1Page - TOKO, Inc LFC Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LFC/LFCM
AM CERAMIC FILTERS
August 2005
2
© 2005 TOKO America, Inc.
All Rights Reserved
Printed in USA
CF-317-LFC/M
R-LOG0805A
TOKO America, Inc.
1250 Feehanville Drive, Mount Prospect, Illinois 60056
Tel: (847) 297-0070 Fax: (847) 699-7864 Web: http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture
of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or
other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Frequency Response
LFC / LFCM (4 element)
415 425 435 445 455 465 475 485
100
80
60
495
40
20
0
Frequency (kHz)
C
E
H
Bandwidth
Rank:
C = ±12.5kHz
E = ±7.5kHz
H = ±3kHz
Z = Rg + R1 =R2
E.V.
1
2
3
SG.
50
Ω
E1
R1
R2
E2
Rg
Z = Rg + R1 =R2
E.V.
1
2
3
SG.
E1
R1
R2
E2
4
50
Ω
Rg
1. C includes test circuit capacitance.
2. R1, R2: Input-output impedance
Cs: Stray capacitance
(less than 50pF, including EV)
LFC
Test circuit
LFCM
Test circuit
Test Circuit
Test Conditions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com