Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8129 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8129
Description  Low Cost 270 MHz Differential Receiver Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129 Datasheet(HTML) 2 Page - Analog Devices

  AD8129 Datasheet HTML 1Page - Analog Devices AD8129 Datasheet HTML 2Page - Analog Devices AD8129 Datasheet HTML 3Page - Analog Devices AD8129 Datasheet HTML 4Page - Analog Devices AD8129 Datasheet HTML 5Page - Analog Devices AD8129 Datasheet HTML 6Page - Analog Devices AD8129 Datasheet HTML 7Page - Analog Devices AD8129 Datasheet HTML 8Page - Analog Devices AD8129 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
AD8129/AD8130
Rev. C | Page 2 of 40
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Connection Diagram ....................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
AD8129/AD8130 Specifications..................................................... 3
5 V Specifications ......................................................................... 3
±5 V Specifications....................................................................... 5
±12 V Specifications..................................................................... 7
Absolute Maximum Ratings............................................................ 9
Thermal Resistance ...................................................................... 9
ESD Caution.................................................................................. 9
Typical Performance Characteristics ........................................... 10
AD8130 Frequency Response Characteristics........................ 10
AD8129 Frequency Response Characteristics........................ 13
AD8130 Harmonic Distortion Characteristics ...................... 16
AD8129 Harmonic Distortion Characteristics ...................... 18
AD8130 Transient Response Characteristics.......................... 23
AD8129 Transient Response Characteristics.......................... 26
Theory of Operation ...................................................................... 32
Op Amp Configuration ............................................................. 32
Applications..................................................................................... 33
Basic Gain Circuits..................................................................... 33
Twisted-Pair Cable, Composite Video Receiver with
Equalization Using an AD8130................................................... 33
Output Offset/Level Translator ................................................ 34
Resistorless Gain of 2 ................................................................. 35
Summer ....................................................................................... 35
Cable-Tap Amplifier .................................................................. 35
Power-Down ............................................................................... 36
Extreme Operating Conditions ................................................ 36
Power Dissipation....................................................................... 37
Layout, Grounding, and Bypassing.......................................... 38
Outline Dimensions ....................................................................... 39
Ordering Guide .......................................................................... 40
REVISION HISTORY
11/05—Rev. B to Rev. C
Changes to 5 V Specifications......................................................... 3
Changes to Table 4 and Maximum Power Dissipation Section.. 9
Changes to Figure 16...................................................................... 11
Changes to Figure 17...................................................................... 12
9/05—Rev. A to Rev. B
Extended Temperature Range...........................................Universal
Deleted Figure 5................................................................................ 5
Added Thermal Resistance Section ............................................... 9
Updated Outline Dimensions ....................................................... 39
Changes to Ordering Guide .......................................................... 40
3/05—Rev. 0 to Rev. A
Changes to Specifications.................................................................2
Replaced Figure 3 ..............................................................................5
Changes to Ordering Guide .............................................................6
Updated Outline Dimensions....................................................... 27
Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com