Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8061ART-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8061ART-R2
Description  Low Cost, 300 MHz Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8061ART-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8061ART-R2 Datasheet HTML 9Page - Analog Devices AD8061ART-R2 Datasheet HTML 10Page - Analog Devices AD8061ART-R2 Datasheet HTML 11Page - Analog Devices AD8061ART-R2 Datasheet HTML 12Page - Analog Devices AD8061ART-R2 Datasheet HTML 13Page - Analog Devices AD8061ART-R2 Datasheet HTML 14Page - Analog Devices AD8061ART-R2 Datasheet HTML 15Page - Analog Devices AD8061ART-R2 Datasheet HTML 16Page - Analog Devices AD8061ART-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8061/AD8062/AD8063
Rev. D | Page 13 of 20
50mV/DIV
VS = 5V
G = 1
RL = 1kΩ
0
5
10
40
45
50
2.6V
TIME (ns)
2.5V
2.4V
35
30
25
20
15
1V/DIV
VS = 5V
G = 2
RL = RF = 1kΩ
VIN = 2V p-p
0
5
10
40
45
50
TIME (ns)
35
30
25
20
15
4.5V
2.5V
0.5V
Figure 44. 2 V Step Response
Figure 43. 200 mV Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com