Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8137YR Datasheet(PDF) 17 Page - Analog Devices

Part # AD8137YR
Description  Low Cost, Low Power 12-Bit Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137YR Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8137YR Datasheet HTML 13Page - Analog Devices AD8137YR Datasheet HTML 14Page - Analog Devices AD8137YR Datasheet HTML 15Page - Analog Devices AD8137YR Datasheet HTML 16Page - Analog Devices AD8137YR Datasheet HTML 17Page - Analog Devices AD8137YR Datasheet HTML 18Page - Analog Devices AD8137YR Datasheet HTML 19Page - Analog Devices AD8137YR Datasheet HTML 20Page - Analog Devices AD8137YR Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8137
Rev. B | Page 17 of 24
THEORY OF OPERATION
The AD8137 is a low power, low cost, fully differential voltage
feedback amplifier that features a rail-to-rail output stage,
common-mode circuitry with an internally derived common-
mode reference voltage, and bias shutdown circuitry. The
amplifier uses two feedback loops to separately control differ-
ential and common-mode feedback. The differential gain is set
with external resistors as in a traditional amplifier while the
output common-mode voltage is set by an internal feedback
loop, controlled by an external VOCM input. This architecture
makes it easy to arbitrarily set the output common-mode
voltage level without affecting the differential gain of the
amplifier.
–OUT
+IN
ACM
VOCM
CC
CC
CP
+OUT
–IN CN
Figure 61. Block Diagram
From Figure 61, the input transconductance stage is an
H-bridge whose output current is mirrored to high impedance
nodes CP and CN. The output section is traditional H-bridge
driven circuitry with common emitter devices driving nodes
+OUT and −OUT. The 3 dB point of the amplifier is defined as
C
m
C
g
BW
×
π
=
2
where gm is the transconductance of the input stage and CC is
the total capacitance on node CP/CN (capacitances CP and CN
are well matched). For the AD8137, the input stage gm is
~1 mA/V and the capacitance CC is 3.5 pF, setting the crossover
frequency of the amplifier at 41 MHz. This frequency generally
establishes an amplifier’s unity gain bandwidth, but with the
AD8137, the closed-loop bandwidth depends upon the feed-
back resistor value as well (see Figure 19). The open-loop gain
and phase simulations are shown in Figure 62.
FREQUENCY (MHz)
100
80
–60
–40
–20
0
20
40
60
–120
–100
–80
–200
–180
–160
–140
0.0001
0.01
0.001
0.1
1
10
100
OPEN-LOOP GAIN (dB)
PHASE (DEGREES)
Figure 62. Open-Loop Gain and Phase
In Figure 61, the common-mode feedback amplifier ACM
samples the output common-mode voltage, and by negative
feedback forces the output common-mode voltage to be equal
to the voltage applied to the VOCM input. In other words, the
feedback loop servos the output common-mode voltage to the
voltage applied to the VOCM input. An internal bias generator
sets the VOCM level to approximately midsupply; therefore, the
output common-mode voltage will be set to approximately
midsupply when the VOCM input is left floating. The source
resistance of the internal bias generator is large and can be
overridden easily by an external voltage supplied by a source
with a relatively small output resistance. The VOCM input can
be driven to within approximately 1 V of the supply rails while
maintaining linear operation in the common-mode feedback loop.
The common-mode feedback loop inside the AD8137 produces
outputs that are highly balanced over a wide frequency range
without the requirement of tightly matched external compo-
nents, because it forces the signal component of the output
common-mode voltage to be zeroed. The result is nearly
perfectly balanced differential outputs of identical amplitude
and exactly 180° apart in phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com