Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8129ARM Datasheet(PDF) 21 Page - Analog Devices

Part # AD8129ARM
Description  Low Cost 270 MHz Differential Receiver Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129ARM Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8129ARM Datasheet HTML 17Page - Analog Devices AD8129ARM Datasheet HTML 18Page - Analog Devices AD8129ARM Datasheet HTML 19Page - Analog Devices AD8129ARM Datasheet HTML 20Page - Analog Devices AD8129ARM Datasheet HTML 21Page - Analog Devices AD8129ARM Datasheet HTML 22Page - Analog Devices AD8129ARM Datasheet HTML 23Page - Analog Devices AD8129ARM Datasheet HTML 24Page - Analog Devices AD8129ARM Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AD8129/AD8130
Rev. C | Page 21 of 40
FREQUENCY (Hz)
–30
10k
100M
100k
1M
10M
–40
–50
–60
–70
–80
–90
–100
–110
–120
VS = ±5V, ±12V
VS = ±2.5V
Figure 68. AD8130 Common-Mode Rejection vs. Frequency
FREQUENCY (Hz)
0
1k
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10k
100k
1M
10M
100M
VS = ±2.5V
VS = ±5V
VS = ±12V
Figure 69. AD8130 Positive Power Supply Rejection vs. Frequency
FREQUENCY (Hz)
0
1k
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10k
100k
1M
10M
100M
VS = ±12V
VS = ±5V
VS = ±2.5V
Figure 70. AD8130 Negative Power Supply Rejection vs. Frequency
FREQUENCY (Hz)
–30
10k
100M
100k
1M
10M
–40
–50
–60
–70
–80
–90
–100
–110
–120
VS = ±5V, ±12V

VS = ±2.5V
Figure 71. AD8139 Common-Mode Rejection vs. Frequency
FREQUENCY (Hz)
0
1k
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10k
100k
1M
10M
100M
VS = ±12V
VS = ±5V
VS = ±2.5V
Figure 72. AD8129 Positive Power Supply Rejection vs. Frequency
FREQUENCY (Hz)
0
1k
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10k
100k
1M
10M
100M
VS = ±5V
VS = ±2.5V
VS = ±12V
Figure 73. AD8129 Negative Power Supply Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com