Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8131ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD8131ARMZ
Description  Low Cost, High Speed Differential Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8131ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8131ARMZ Datasheet HTML 12Page - Analog Devices AD8131ARMZ Datasheet HTML 13Page - Analog Devices AD8131ARMZ Datasheet HTML 14Page - Analog Devices AD8131ARMZ Datasheet HTML 15Page - Analog Devices AD8131ARMZ Datasheet HTML 16Page - Analog Devices AD8131ARMZ Datasheet HTML 17Page - Analog Devices AD8131ARMZ Datasheet HTML 18Page - Analog Devices AD8131ARMZ Datasheet HTML 19Page - Analog Devices AD8131ARMZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD8131
Rev. B | Page 19 of 20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
FREQUENCY (MHz)
Figure 42. FFT Plot for AD8131/AD9203
UNITY-GAIN, SINGLE-ENDED-TO-DIFFERENTIAL
DRIVER
If it is not necessary to offset the output common-mode voltage
(via the VOCM pin), then the AD8131 can make a simple unity-
gain single-ended-to-differential amplifier that does not require
any external components. Figure 43 shows the schematic for
this circuit.
–
INPUT
OUT
+OUT
8
2
3
6
5
4
+
+
1
49.9
Ω
10 F
0.1 F
10 F
0.1 F
+5V
–5V
AD8131
Figure 43. Unity Gain, Single-Ended-to-Differential Amplifier
As shown above, when −DIN is left floating, there is 100%
feedback of +OUT to −IN via the internal feedback resistor.
This contrasts with the typical gain of 2 operation where −DIN is
grounded and one third of the +OUT is fed back to −IN. The
result is a closed-loop differential gain of 1.
Upon careful observation, it can be seen that only +DIN and VOCM
are referenced to ground. The ground voltage at VOCM is the
reference for this circuit. In this unity gain configuration, if a dc
voltage is applied to VOCM to shift the common-mode voltage, a
differential dc voltage will be created at the output, along with the
common-mode voltage change. Thus, this configuration cannot
be used when it is desired to offset the common-mode voltage of
the output with respect to the input at +DIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com