Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8056ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8056ARMZ
Description  Low Cost, 300 MHz Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8056ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8056ARMZ Datasheet HTML 6Page - Analog Devices AD8056ARMZ Datasheet HTML 7Page - Analog Devices AD8056ARMZ Datasheet HTML 8Page - Analog Devices AD8056ARMZ Datasheet HTML 9Page - Analog Devices AD8056ARMZ Datasheet HTML 10Page - Analog Devices AD8056ARMZ Datasheet HTML 11Page - Analog Devices AD8056ARMZ Datasheet HTML 12Page - Analog Devices AD8056ARMZ Datasheet HTML 13Page - Analog Devices AD8056ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8055/AD8056
Rev. J | Page 10 of 16
FREQUENCY (Hz)
100
10
0.1
1
10
100
1k
10k
100k
1M
10M
50M
4.5
2.5
3.5
3.0
5.0
4.0
2.0
1.5
1.0
0.5
0
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
VS =±5V
RL =1kΩ
RL =50Ω
RL =150Ω
Figure 30. Output Swing vs. Temperature
Figure 32. Current Noise vs. Frequency
FREQUENCY (Hz)
1000
100
1
10
10
100
1k
10k
100k
1M
10M
50M
6nV/ Hz
FREQUENCY (MHz)
40
20
10
0
30
5
15
25
35
45
–5
G= +2
RF =402Ω
0.01
0.1
1
10
100
500
Figure 31. Voltage Noise vs. Frequency
Figure 33. Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com