Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8137YCPZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8137YCPZ-R2
Description  Low Cost, Low Power 12-Bit Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137YCPZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8137YCPZ-R2 Datasheet HTML 16Page - Analog Devices AD8137YCPZ-R2 Datasheet HTML 17Page - Analog Devices AD8137YCPZ-R2 Datasheet HTML 18Page - Analog Devices AD8137YCPZ-R2 Datasheet HTML 19Page - Analog Devices AD8137YCPZ-R2 Datasheet HTML 20Page - Analog Devices AD8137YCPZ-R2 Datasheet HTML 21Page - Analog Devices AD8137YCPZ-R2 Datasheet HTML 22Page - Analog Devices AD8137YCPZ-R2 Datasheet HTML 23Page - Analog Devices AD8137YCPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8137
Rev. B | Page 21 of 24
Estimating DC Errors
Primary differential output offset errors in the AD8137 are due
to three major components: the input offset voltage, the offset
between the VAN and VAP input currents interacting with the
feedback network resistances, and the offset produced by the dc
voltage difference between the input and output common-mode
voltages in conjunction with matching errors in the feedback
network.
The first output error component is calculated as
⎟
⎠
⎞
⎜
⎝
⎛
+
=
G
G
F
IO
R
R
R
V
Vo_e
1
, or equivalently as VIO/β
(21)
where VIO is the input offset voltage.
The second error is calculated as
( )
F
IO
G
F
F
G
G
G
F
IO
R
I
R
R
R
R
R
R
R
I
Vo_e
=
⎟
⎠
⎞
⎜
⎝
⎛
+
⎟
⎠
⎞
⎜
⎝
⎛
+
=
2
(22)
where IIO is defined as the offset between the two input bias
currents.
The third error voltage is calculated as
)
(
3
OCM
ICM
V
V
enr
Vo_e
−
×
∆
=
(23)
where Δenr is the fractional mismatch between the two
feedback resistors.
The total differential offset error is the sum of these three error
sources.
Additional Impact of Mismatches in the Feedback Networks
The internal common-mode feedback network will still force
the output voltages to remain balanced, even when the RF/RG
feedback networks are mismatched. The mismatch, however,
will cause a gain error proportional to the feedback network
mismatch.
Ratio-matching errors in the external resistors will degrade the
ability to reject common-mode signals at the VAN and VIN input
terminals, similar to a four-resistor difference amplifier made
from a conventional op amp. Ratio-matching errors will also
produce a differential output component that is equal to the
VOCM input voltage times the difference between the feedback
factors (βs). In most applications using 1% resistors, this
component amounts to a differential dc offset at the output that
is small enough to be ignored.
Driving a Capacitive Load
A purely capacitive load will react with the bondwire and pin
inductance of the AD8137, resulting in high frequency ringing
in the transient response and loss of phase margin. One way to
minimize this effect is to place a small resistor in series with
each output to buffer the load capacitance. The resistor and load
capacitance will form a first-order, low-pass filter, so the resistor
value should be as small as possible. In some cases, the ADCs
require small series resistors to be added on their inputs.
Figure 39 and Figure 42 illustrate transient response vs. capaci-
tive load, and were generated using series resistors in each
output and a differential capacitive load.
Layout Considerations
Standard high speed PCB layout practices should be adhered to
when designing with the AD8137. A solid ground plane is
recommended and good wideband power supply decoupling
networks should be placed as close as possible to the supply pins.
To minimize stray capacitance at the summing nodes, the
copper in all layers under all traces and pads that connect to the
summing nodes should be removed. Small amounts of stray
summing-node capacitance will cause peaking in the frequency
response, and large amounts can cause instability. If some stray
summing-node capacitance is unavoidable, its effects can be
compensated for by placing small capacitors across the feedback
resistors.
Terminating a Single-Ended Input
Controlled impedance interconnections are used in most high
speed signal applications, and they require at least one line
termination. In analog applications, a matched resistive ter-
mination is generally placed at the load end of the line. This
section deals with how to properly terminate a single-ended
input to the AD8137.
The input resistance presented by the AD8137 input circuitry
is seen in parallel with the termination resistor, and its loading
effect must be taken into account. The Thevenin equivalent
circuit of the driver, its source resistance, and the termination
resistance must all be included in the calculation as well. An
exact solution to the problem requires solution of several
simultaneous algebraic equations and is beyond the scope of
this data sheet. An iterative solution is also possible and is
simpler, especially considering the fact that standard resistor
values are generally used.
Figure 66 shows the AD8137 in a unity-gain configuration, and
with the following discussion, provides a good example of how
to provide a proper termination in a 50 Ω environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com