Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8224ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8224ACPZ-R7
Description  Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8224ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8224ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD8224
Rev. 0 | Page 24 of 28
AD8224
(DIFF OUT)
100pF
NPO
5%
100pF
NPO
5%
1000pF
–IN
+IN
0.1µF
10µF
0.1µF
10µF
–12V
+12V
1kΩ
1kΩ
+
+
IN+
VDD
GND
REF
10µF
X5R
AD7688
IN–
0.1µF
+5V
ADR435
GND
VIN
VOUT
0.1µF
+12V
0.1µF
+5V REF
+IN2
REF2
+5V REF
+OUT
–OUT
806Ω
2.7nF
2.7nF
806Ω
Figure 61. Driving a Differential ADC
DRIVING A DIFFERENTIAL INPUT ADC
The AD8224 can be configured in differential output mode
to drive a differential analog-to-digital converter. Figure 61
illustrates several of the concepts.
First Antialiasing Filter
The 1 kΩ resistor, 1000 pF capacitor, and 100 pF capacitors in
front of the in-amp form a 76 kHz filter. This is the first of two
antialiasing filters in the circuit and helps to reduce the noise of
the system. The 100 pF capacitors protect against common-
mode RFI signals. Note that they are 5% COG/NPO types.
These capacitors match well over time and temperature, which
keeps the system’s CMRR high over frequency.
Second Antialiasing Filter
An 806 Ω resistor and a 2.7 nF capacitor are located between
each AD8224 output and ADC input. These components create
a 73 kHz low-pass filter for another stage of antialiasing
protection.
These four elements also isolate the ADC from loading the
AD8224. The 806 Ω resistor shields the AD8224 from the
ADC’s switched capacitor input, which looks like a time-
varying load. The 2.7 nF capacitor provides a charge to the
switched capacitor front end of the ADC. If the application
requires a lower frequency antialiasing filter, increase the value
of the capacitor rather than the resistor.
The 806 Ω resistors can also protect an ADC from overvoltages.
Because the AD8224 runs on wider supply voltages than a
typical ADC, there is a possibility of overdriving the ADC. This
is not an issue with a PulSAR® converter, such as the AD7688.
Its input can handle a 130 mA overdrive, which is much higher
than the short-circuit limit of the AD8224.
However, other converters have less robust inputs and may need
the added protection.
Reference
The ADR435 supplies a reference voltage to both the ADC and
the AD8224. Because REF2 on the AD8224 is grounded, the
common-mode output voltage is precisely half the reference
voltage, exactly where it needs to be for the ADC.
DRIVING CABLING
All cables have a certain capacitance per unit length, which
varies widely with cable type. The capacitive load from the cable
may cause peaking in the AD8224 output response. To reduce
peaking, use a resistor between the AD8224 and the cable.
Because cable capacitance and desired output response vary
widely, this resistor is best determined empirically. A good
starting point is 50 Ω.
The AD8224 operates at a low enough frequency that
transmission line effects are rarely an issue; therefore, the
resistor need not match the characteristic impedance of
the cable.
AD8224
(DIFF OUT)
AD8224
(SINGLE OUT)
Figure 62. Driving a Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com