Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8062ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8062ARMZ
Description  Low Cost, 300 MHz Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062ARMZ Datasheet(HTML) 4 Page - Analog Devices

  AD8062ARMZ Datasheet HTML 1Page - Analog Devices AD8062ARMZ Datasheet HTML 2Page - Analog Devices AD8062ARMZ Datasheet HTML 3Page - Analog Devices AD8062ARMZ Datasheet HTML 4Page - Analog Devices AD8062ARMZ Datasheet HTML 5Page - Analog Devices AD8062ARMZ Datasheet HTML 6Page - Analog Devices AD8062ARMZ Datasheet HTML 7Page - Analog Devices AD8062ARMZ Datasheet HTML 8Page - Analog Devices AD8062ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8061/AD8062/AD8063
Rev. D | Page 4 of 20
TA = 25°C, VS = 3 V, RL = 1 kΩ, VO = 1 V, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth
G = 1, VO = 0.2 V p-p
150
300
MHz
G = –1, +2, VO = 0.2 V p-p
60
115
MHz
–3 dB Large Signal Bandwidth
G = 1, VO = 1 V p-p
250
MHz
Bandwidth for 0.1 dB Flatness
G = 1, VO = 0.2 V p-p
30
MHz
Slew Rate
G = 1, VO = 1 V step, RL = 2 kΩ
190
280
V/μs
G = 2, VO = 1.5 V step, RL = 2 kΩ
180
230
V/μs
Settling Time to 0.1%
G = 2, VO = 1 V step
40
ns
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VO = 2 V p-p, RL = 1 kΩ
−60
dBc
fC = 20 MHz, VO = 2 V p-p, RL = 1 kΩ
−44
dBc
Crosstalk, Output to Output
f = 5 MHz, G = 2
−90
dBc
Input Voltage Noise
f = 100 kHz
8.5
nV/√Hz
Input Current Noise
f = 100 kHz
1.2
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
1
6
mV
TMIN to TMAX
2
6
mV
Input Offset Voltage Drift
3.5
μV/°C
Input Bias Current
3.5
8.5
μA
TMIN to TMAX
4
8.5
μA
Input Offset Current
0.3
4.5
±μA
Open-Loop Gain
VO = 0.5 V to 2.5 V, RL = 150 Ω
66
70
dB
VO = 0.5 V to 2.5 V, RL = 2 kΩ
74
90
dB
INPUT CHARACTERISTICS
Input Resistance
13
MΩ
Input Capacitance
1
pF
Input Common-Mode Voltage Range
−0.2 to +12
V
Common-Mode Rejection Ratio
VCM = –0.2 V to +1.2 V
80
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 150 Ω
0.3
0.1 to 2.87
2.85
V
RL = 2 kΩ
0.3
0.1 to 2.9
2.90
V
Output Current
VO = 0.5 V to 2.5 V
25
mA
Capacitive Load Drive, VOUT = 0.8 V
30% overshoot, G = 1, RS = 0 Ω
25
pF
G = 2, RS = 4.7 Ω
300
pF
POWER-DOWN DISABLE
Turn-On Time
40
ns
Turn-Off Time
300
ns
DISABLE Voltage—Off
0.8
V
DISABLE Voltage—On
1.2
V
POWER SUPPLY
Operating Range
2.7
3
V
Quiescent Current per Amplifier
6.8
9
mA
Supply Current when Disabled (AD8063 Only)
0.4
mA
Power Supply Rejection Ratio
72
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com