Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8302 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8302
Description  LF-2.7 GHz RF/IF Gain and Phase Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8302 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8302 Datasheet HTML 16Page - Analog Devices AD8302 Datasheet HTML 17Page - Analog Devices AD8302 Datasheet HTML 18Page - Analog Devices AD8302 Datasheet HTML 19Page - Analog Devices AD8302 Datasheet HTML 20Page - Analog Devices AD8302 Datasheet HTML 21Page - Analog Devices AD8302 Datasheet HTML 22Page - Analog Devices AD8302 Datasheet HTML 23Page - Analog Devices AD8302 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
REV. A
AD8302
–21–
Table III. Evaluation Board Configuration Options
Component
Function
Default Condition
P1
Power Supply and Ground Connector: Pin 2 VPOS and Pins 1 and 3 Ground.
Not Applicable
R1, R2
Input Termination. Provide termination for input sources.
R1 = R2 = 52.3
Ω (Size 0402)
R3
VREF Output Load. This load is optional and is meant to allow the user to simulate
R3 = 1 k
Ω (Size 0603)
their circuit loading of the device.
R5, R6, R9
Snubbing Resistor
R5 = R6 = 0
Ω (Size 0603)
R9 = 0
Ω (Size 0603)
C3, C7, R4
Supply Decoupling
C3 = 100 pF (Size 0603)
C7 = 0.1
µF (Size 0603)
R4 = 0
Ω (Size 0603)
C1, C5
Input AC-Coupling Capacitors
C1 = C5 = 1 nF (Size 0603)
C2, C8
Video Filtering. C2 and C8 limit the video bandwidth of the gain and phase
C2 = C8 = Open (Size 0603)
output respectively.
C4, C6
Offset Feedback. These set the high-pass corner of the offset cancellation loop
and thus with the input ac-coupling capacitors the minimum operating frequency.
C4 = C6 = 1 nF (Size 0603)
SW1
GSET Signal Source. When SW1 is in the position shown, the device is in gain
SW1 = Installed
measure mode; when switched, it operates in comparator mode and a signal
must be applied to GSET.
SW2
PSET Signal Source. When SW2 is in the position shown, the device is in phase
SW1 = Installed
measure mode; when switched, it operates in comparator mode and a signal
must be applied to PSET.
Figure 15a. Component Side Metal of Evaluation Board
Figure 15b. Component Side Silkscreen of Evaluation Board
Table II. P1 Pin Allocations
1
Common
2
VPOS
3
Common
R5
GAIN
SW1
GSET
VREF
PSET
PHASE
R9
R3
R6
SW2
MFLT 14
VMAG 13
MSET 12
VREF 11
PSET 10
VPHS 9
PFLT 8
AD8302
C2
C8
R7
R8
C7
VP
VP
1
COMM
INPA
2
OFSA
3
VPOS
4
OFSB
5
INPB
6
COMM
7
C1
C4
C6
C5
R4
C3
INPA
INPB
R1
R2
GND
Figure 14. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com