Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313ARM Datasheet(PDF) 22 Page - Analog Devices

Part # AD8313ARM
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313ARM Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8313ARM Datasheet HTML 16Page - Analog Devices AD8313ARM Datasheet HTML 17Page - Analog Devices AD8313ARM Datasheet HTML 18Page - Analog Devices AD8313ARM Datasheet HTML 19Page - Analog Devices AD8313ARM Datasheet HTML 20Page - Analog Devices AD8313ARM Datasheet HTML 21Page - Analog Devices AD8313ARM Datasheet HTML 22Page - Analog Devices AD8313ARM Datasheet HTML 23Page - Analog Devices AD8313ARM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8313
Rev. D | Page 22 of 24
VPS1
VPS1
R2
10
Ω
EXT ENABLE
SW1
R1
10
Ω
1
2
3
4
INHI
INLO
VPOS PWDN
COMM
VSET
AD8313
8
7
6
5
INHI
VOUT
EXT VSET
AD8009
VPOS
VOUT
C7
0.1
µF
C1
680pF
C2
680pF
C3
0.1
µF
C5
0.1
µF
R4
0
Ω
R12
301
Ω
R5
0
Ω
R7
0
Ω
R3
0
Ω
R11
0
Ω
R9
0
Ω
R2
10
Ω
L/R
53.6
Ω
VNEG
VPS2
INLO
TP1
Z1
Z2
R10
OPEN
R6
OPEN
R8
20k
Ω
C6
OPEN
A
B
C4
0.1
µF
Figure 44. Evaluation Board Schematic
Table 7. Evaluation Board Configuration Options
Component
Function
Default
VPS1, VPS2,
GND, VNEG
Supply Pins. VPS1 is the positive supply pin for the AD8313. VPS2 and VNEG are the
positive and negative supply pins for the AD8009. If the AD8009 is being operated
from a single supply, VNEG should be connected to GND. VPS1 and VPS2 are
independent. GND is shared by both devices.
Not Applicable
Z1
AD8313 Logarithmic Amplifier. If the AD8313 is used in measurement mode, it is not
necessary to power up the AD8009 op amp. The log output can be measured at TP1 or
at the SMA connector labeled VSET.
Installed
Z1
AD8009 Operational Amplifier.
Installed
SW1
Device Enable. When in Position A, the PWDN pin is connected to ground and the
AD8313 is in normal operating mode. In Position B, the PWDN pin is connected to an
SMA connector labeled ENBL. A signal can be applied to this connector.
SW1 = A
R7, R8
Slope Adjust. The slope of the AD8313 can be increased from its nominal value of
18 mV/dB to a maximum of 40 mV/dB by removing R11, the 0 Ω resistor, which shorts
VSET to VOUT, and installing a 0 Ω resistor at R7. The 20 kΩ potentiometer at R8 can
then be used to change the slope.
R7 = 0 Ω (Size 0603)
R8 = installed
Operating in Controller Mode. To put the AD8313 into controller mode, R7 and R11
should be removed, breaking the link between VOUT and VSET. The VSET pin can then
be driven externally via the SMA connector labeled VSET.
L/R, C1, C2, R9
Input Interface. The 52.3 Ω resistor in position L/R, along with C1 and C2, create a
wideband 50 Ω input. Alternatively, the 52.3 Ω resistor can be replaced by an inductor
to form an input matching network. See Input Coupling section for more details.
Remove the 0 Ω resistor at R9 for differential drive applications.
L/R = 53.6 Ω (Size 0603)
C1 = C2 = 680 pF (Size 0603)
R9 = 0 Ω (Size 0603)
R10, R12
Op Amp Gain Adjust. The AD8009 is initially configured as a buffer; gain = 1. To increase
the gain of the op amp, modify the resistor values R10 and R12.
R10 = open (Size 0603)
R12 = 301 Ω (Size 0603)
R5, R6, C6
Op Amp Output Loading/Filtering. A variety of loading and filtering options are
available for the AD8009. The robust output of the op amp is capable of driving low
impedances such as 50 Ω or 75 Ω, configure R5 and R6 accordingly. See the AD8009
data sheet for more details.
R5 = 0 Ω (Size 0603)
R6 = open (Size 0603)
C6 = open (Size 0603)
R1, R2, R3, R4,
C3, C4, C5, C7
Supply Decoupling.
R1 = R2 = 10 Ω (Size 0603)
R3 = R4 = 0 Ω (Size 0603)
C3 = C4 = 0.1 µF (Size 0603)
C5 = C7 = 0.1 µF (Size 0603)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com