Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8315 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8315
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8315 Datasheet HTML 9Page - Analog Devices AD8315 Datasheet HTML 10Page - Analog Devices AD8315 Datasheet HTML 11Page - Analog Devices AD8315 Datasheet HTML 12Page - Analog Devices AD8315 Datasheet HTML 13Page - Analog Devices AD8315 Datasheet HTML 14Page - Analog Devices AD8315 Datasheet HTML 15Page - Analog Devices AD8315 Datasheet HTML 16Page - Analog Devices AD8315 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8315
Rev. C | Page 13 of 24
The intercept need not correspond to a physically realizable
part of the signal range for the log amp. Therefore, the specified
intercept is −70 dBV, at 0.1 GHz, whereas the smallest input for
accurate measurement (a +1 dB error, see Table 2) at this
frequency is higher, being about −58 dBV. At 2.5 GHz, the
+1 dB error point shifts to −64 dBV. This positioning of the
intercept is deliberate and ensures that the VSET voltage is within
the capabilities of certain DACs, whose outputs cannot swing
below 200 mV. Figure 32 shows the 100 MHz response of the
AD8315; the vertical axis does not represent the output (at pin
VAPC) but the value required at the power control pin, VSET,
to null the control loop.
1.5
1.0
0.5
0
–70dBV
1.416V @ –11dBV
0.288V @ –58dBV
ACTUAL
IDEAL
100µV
–80dBV
–67dBm
1mV
–60dBV
–47dBm
10mV
–40dBV
–27dBm
100mV
–20dBV
–7dBm
1V (RMS)
0dBV
+13dBm (RE 50Ω)
VIN, dBVIN, PIN
Figure 32. Basic Calibration of the AD8315 at 0.1 GHz
CONTROLLER-MODE LOG AMPS
The AD8315 combines the two key functions required for the
measurement and control of the power level over a moderately
wide dynamic range. First, it provides the amplification needed
to respond to small signals in a chain of four amplifier/limiter
cells (see Figure 31), each having a small signal gain of 10 dB
and a bandwidth of approximately 3.5 GHz. At the output of
each of these amplifier stages is a full-wave rectifier, essentially a
square law detector cell that converts the RF signal voltages to a
fluctuating current having an average value that increases with
signal level. A further passive detector stage is added before the
first stage. These five detectors are separated by 10 dB, spanning
some 50 dB of dynamic range. Their outputs are each in the
form of a differential current, making summation a simple
matter. It is readily shown that the summed output can closely
approximate a logarithmic function. The overall accuracy at the
extremes of this total range, viewed as the deviation from an
ideal logarithmic response, that is, the log conformance error,
can be judged by referring to Figure 6, which shows that errors
across the central 40 dB are moderate. Other performance
curves show how conformance to an ideal logarithmic function
varies with supply voltage, temperature, and frequency.
In a device intended for measurement applications, this current
would then be converted to an equivalent voltage, to provide the
log (VIN) function shown in Equation 1. However, the design of
the AD8315 differs from standard practice in that its output
needs to be a low noise control voltage for an RF power amplifier
not a direct measure of the input level. Furthermore, it is highly
desirable that this voltage be proportional to the time integral of
the error between the actual input VIN and the dc voltage VSET
(applied to Pin 3, VSET) that defines the setpoint, that is, a
target value for the power level, typically generated by a DAC.
This is achieved by converting the difference between the sum
of the detector outputs (still in current form) and an internally
generated current proportional to VSET to a single-sided,
current-mode signal. This, in turn, is converted to a voltage (at
Pin 4, FLTR, the low-pass filter capacitor node) to provide a
close approximation to an exact integration of the error between
the power present in the termination at the input of the AD8315
and the setpoint voltage. Finally, the voltage developed across
the ground-referenced filter capacitor CFLT is buffered by a
special low noise amplifier of low voltage gain (×1.35) and
presented at Pin 7 (VAPC) for use as the control voltage for the
RF power amplifier. This buffer can provide rail-to-rail swings
and can drive a substantial load current, including large
capacitors. Note that the RF power amplifier is assumed to have
a positive slope with RF power increasing monotonically with
an increasing APC control voltage.
CONTROL LOOP DYNAMICS
To understand how the AD8315 behaves in a complete control
loop, an expression for the current in the integration capacitor
as a function of the input VIN and the setpoint voltage VSET must
be developed (see Figure 33).
3
1
RFIN
4
FLTR
7
VAPC
×1.35
ISET = VSET/4.15kΩ
VSET
VSET
VIN
IDET = ISLPlog10 (VIN/VZ)
IERR
IDET
CFLT
SETPOINT
INTERFACE
LOGARITHMIC
RF DETECTION
SUBSYSTEM
Figure 33. Behavioral Model of the AD8315



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com