Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8315ARM Datasheet(PDF) 3 Page - Analog Devices

Part # AD8315ARM
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315ARM Datasheet(HTML) 3 Page - Analog Devices

  AD8315ARM Datasheet HTML 1Page - Analog Devices AD8315ARM Datasheet HTML 2Page - Analog Devices AD8315ARM Datasheet HTML 3Page - Analog Devices AD8315ARM Datasheet HTML 4Page - Analog Devices AD8315ARM Datasheet HTML 5Page - Analog Devices AD8315ARM Datasheet HTML 6Page - Analog Devices AD8315ARM Datasheet HTML 7Page - Analog Devices AD8315ARM Datasheet HTML 8Page - Analog Devices AD8315ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8315
Rev. C | Page 3 of 24
SPECIFICATIONS
VS = 2.7 V, T = 25°C, 52.3 Ω termination on RFIN, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range1
To meet all specifications
0.1
2.5
GHz
Input Voltage Range
±1 dB log conformance, 0.1 GHz
−57
−11
dBV
Equivalent dBm Range
−44
+2
dBm
Logarithmic Slope2
0.1 GH
21.5
24
25.5
mV/dB
Logarithmic Intercept2
0.1 GHz
−79
−70
−64
dBV
Equivalent dBm Level
−66
−57
−51
dBm
RF INPUT INTERFACE
Pin RFIN
Input Resistance3
0.1 GHz
2.8
kΩ
Input Capacitance3
0.1 GHz
0.9
pF
OUTPUT
Pin VAPC
Minimum Output Voltage
VSET ≤ 200 mV, ENBL high
0.25
0.27
0.3
V
ENBL low
0.02
V
Maximum Output Voltage
RL ≥ 800 Ω
2.45
2.6
V
vs. Temperature4
85°C, VPOS = 3 V, IOUT = 6 mA
2.54
V
General Limit
2.7 V ≤ VPOS ≤ 5.5 V, RL = ∞
VPOS − 0.1
V
Output Current Drive
Source/Sink
5/200
mA/μA
Output Buffer Noise
25
nV√Hz
Output Noise
RF input = 2 GHz, 0 dBm, fNOISE = 100 kHz, CFLT = 220 pF
130
nV/√Hz
Small Signal Bandwidth
0.2 V to 2.6 V swing
30
MHz
Slew Rate
10% to 90%, 1.2 V step (VSET), open loop5
13
V/μs
Response Time
FLTR = open, see Figure 26
150
ns
SETPOINT INTERFACE
Pin VSET
Nominal Input Range
Corresponding to central 50 dB
0.25
1.4
V
Logarithmic Scale Factor
43.5
dB/V
Input Resistance
100
kΩ
Slew Rate
16
V/μs
ENABLE INTERFACE
Pin ENBL
Logic Level to Enable Power
1.8
VPOS
V
Input Current when Enable
High
20
μA
Logic Level to Disable Power
0.8
V
Enable Time
Time from ENBL high to VAPC within 1% of final value,
VSET ≤ 200 mV, refer to Figure 23
4
5
μs
Disable Time
Time from ENBL low to VAPC within 1% of final value,
VSET ≤ 200 mV, refer to Figure 23
8
9
μs
Power-On/Enable Time
Time from VPOS/ENBL high to VAPC within 1% of final value,
VSET ≤ 200 mV, refer to Figure 28
2
3
μs
Time from VPOS/ENBL low to VAPC within 1% of final value,
VSET ≤ 200 mV, refer to Figure 28
100
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com