Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8318
Description  1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8318 Datasheet HTML 16Page - Analog Devices AD8318 Datasheet HTML 17Page - Analog Devices AD8318 Datasheet HTML 18Page - Analog Devices AD8318 Datasheet HTML 19Page - Analog Devices AD8318 Datasheet HTML 20Page - Analog Devices AD8318 Datasheet HTML 21Page - Analog Devices AD8318 Datasheet HTML 22Page - Analog Devices AD8318 Datasheet HTML 23Page - Analog Devices AD8318 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8318
Rev. A | Page 21 of 24
CHARACTERIZATION SETUP AND METHODS
VIDEO
OUT
RF OUT
–7dBm
R AND S SMT06
TEKTRONIX
TDS51504
CH1* CH3* TRIGGER
VOUT
GND
5V
AD8318
VPOS
VSET
INHI
INLO
40
Ω
52.3
Ω
1nF
1nF
*50
Ω
TERMINATION
3dB
SPLITTER
The general hardware configuration used for the AD8318
characterization is shown in Figure 46. The primary setup used for
characterization is measurement mode. The characterization board
is similar to the customer evaluation board with the exception that
the RF input has a Rosenberger SMA connector and R10 has
changed to a 1 kΩ resistor to remove cable capacitance from the
bench characterization setup. Slope and intercept are calculated in
this data sheet and in the production environment using linear
regression from −50 dBm to −10 dBm. The slope and intercept
generate an ideal line. Log conformance error is the difference from
the ideal line and the measured output voltage for a given tempera-
ture in dB. For additional information on the error calculation, refer
to the Device Calibration and Error Calculation section.
Figure 46. Pulse Response Measurement Test Setup
To measure noise spectral density, the 0 Ω resistor in series with
the VOUT pin is replaced with a 1 μF dc blocking capacitor.
The capacitor is used because the Rohde & Schwarz FSEA
spectrum analyzer cannot handle dc voltages at its RF input.
The CLPF pin is left open for data collected for Figure 18. For
Figure 19, a 1 μF capacitor is placed between CLPF and ground.
The large capacitor filters the noise from the detector stages of
the log amp. Noise spectral density measurements are taken
using the FSEA and the SMT06 signal generator. The signal
generator frequency is set to 2.2 GHz. The spectrum analyzer
has a span of 10 Hz, resolution bandwidth of 50 Hz, video
bandwidth of 50 Hz, and averages the signal 100 times. Data is
adjusted to account for the dc blocking capacitor impedance on
the output at lower frequencies.
The hardware configuration for pulse response measurement
replaces the 0 Ω series resistor at the VOUT pin with a 40 Ω resistor;
the CLPF pin remains open. Pulse response time is measured using a
Tektronix TDS51504 Digital Phosphor Oscilloscope. Both channels
on the scope are configured for 50 Ω termination. The 10 Ω internal
series resistance at VOUT, combined with the 40 Ω resistor,
attenuates the output voltage level by two. RF input frequency is set
to 100 MHz with −10 dBm at the input of the device. The RF burst is
generated using a Rohde & Schwarz SMT06 with the pulse option
with a period of 1.5 μs, a width of 0.1 μs, and a pulse delay of 0.04 μs.
The output response is triggered using the video output from the
SMT06. Refer to Figure 46 for an overview of the test setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com