Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8314ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8314ARMZ
Description  100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8314ARMZ Datasheet HTML 2Page - Analog Devices AD8314ARMZ Datasheet HTML 3Page - Analog Devices AD8314ARMZ Datasheet HTML 4Page - Analog Devices AD8314ARMZ Datasheet HTML 5Page - Analog Devices AD8314ARMZ Datasheet HTML 6Page - Analog Devices AD8314ARMZ Datasheet HTML 7Page - Analog Devices AD8314ARMZ Datasheet HTML 8Page - Analog Devices AD8314ARMZ Datasheet HTML 9Page - Analog Devices AD8314ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8314
Rev. B | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
1.2
0
–75
–5
INPUT AMPLITUDE (dBV)
(–52dBm)
(–2dBm)
2.5GHz
1.9GHz
0.9GHz
0.1GHz
1.0
0.8
0.6
0.4
0.2
–65
–55
–45
–35
–25
–15
Figure 4. VUP vs. Input Amplitude
1.2
0
–70
0
INPUT AMPLITUDE (dBV)
(–47dBm)
(+3dBm)
1.0
0.8
0.6
0.4
0.2
3
–3
2
1
0
–1
–2
–60
–50
–40
–30
–20
–10
–40°C
+85°C
+25°C
+25°C
–40°C
SLOPE AND INTERCEPT
NORMALIZED AT +25°C AND
APPLIED TO –40°C AND +85°C
Figure 5. VUP and Log Conformance vs. Input Amplitude at 0.1 GHz;
−40°C, +25°C, and +85°C
1.2
0
–70
0
INPUT AMPLITUDE (dBV)
(–47dBm)
(+3dBm)
1.0
0.8
0.6
0.4
0.2
3
–3
2
1
0
–1
–2
–60
–50
–40
–30
–20
–10
–40°C
+85°C
+25°C
SLOPE AND INTERCEPT
NORMALIZED AT +25°C AND
APPLIED TO –40°C AND +85°C
Figure 6. VUP and Log Conformance vs. Input Amplitude at 0.9 GHz;
−40°C, +25°C, and +85°C
4
–4
–70
0
INPUT AMPLITUDE (dBV)
(–47dBm)
(+3dBm)
0.1GHz
3
2
1
0
–1
–2
–3
–60
–50
–40
–30
–20
–10
0.9GHz
2.5GHz
1.9GHz
Figure 7. Log Conformance vs. Input Amplitude
–40°C
1.2
0
–70
0
INPUT AMPLITUDE (dBV)
(–47dBm)
(+3dBm)
1.0
0.8
0.6
0.4
0.2
3
–3
2
1
0
–1
–2
–60
–50
–40
–30
–20
–10
+85°C
+25°C
SLOPE AND INTERCEPT
NORMALIZED AT +25°C AND
APPLIED TO –40°C AND +85°C
Figure 8. VUP and Log Conformance vs. Input Amplitude at 1.9 GHz;
−40°C, +25°C, and +85°C
–40°C
1.2
0
–70
0
INPUT AMPLITUDE (dBV)
(–47dBm)
(+3dBm)
1.0
0.8
0.6
0.4
0.2
3
–3
2
1
0
–1
–2
–60
–50
–40
–30
–20
–10
+85°C
+85°C
+25°C
SLOPE AND INTERCEPT
NORMALIZED AT +25°C AND
APPLIED TO –40°C AND +85°C
Figure 9. VUP and Log Conformance vs. Input Amplitude at 2.5 GHz;
−40°C, +25°C, and +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com