Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8063ARTZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8063ARTZ-R2
Description  Low Cost, 300 MHz Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8063ARTZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8063ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8063ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD8063ARTZ-R2 Datasheet HTML 13Page - Analog Devices AD8063ARTZ-R2 Datasheet HTML 14Page - Analog Devices AD8063ARTZ-R2 Datasheet HTML 15Page - Analog Devices AD8063ARTZ-R2 Datasheet HTML 16Page - Analog Devices AD8063ARTZ-R2 Datasheet HTML 17Page - Analog Devices AD8063ARTZ-R2 Datasheet HTML 18Page - Analog Devices AD8063ARTZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8061/AD8062/AD8063
Rev. D | Page 15 of 20
TIME (ns)
2.0
0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
4
8
12
16
20
24
28
32
2V TO 3V STEP
2.1V TO 3.1V STEP
2.2V TO 3.2V STEP
2.3V TO 3.3V STEP
2.4V TO 3.4V STEP
Figure 47. Output Rising Edge for 1 V Step at
Input Headroom Limits, G = 1, VS = 5 V, 0 V
As the saturation point of the output stage is approached, the
output signal shows increasing amounts of compression and
clipping. As in the input headroom case, the higher frequency
signals require a bit more headroom than lower frequency
signals. Figure 16, Figure 17, and Figure 18 illustrate this point,
plotting typical distortion vs. output amplitude and bias for
gains of 2 and 5.
OVERLOAD BEHAVIOR AND RECOVERY
Input
The specified input common-mode voltage of the AD806x
is −200 mV below the negative supply to within 1.8 V of
the positive supply. Exceeding the top limit results in lower
bandwidth and increased settling time as seen in Figure 46
and Figure 47. Pushing the input voltage of a unity-gain
follower beyond 1.6 V within the positive supply leads to the
behavior shown in Figure 48—an increasing amount of output
error and much increased settling time. Recovery time from
input voltages 1.6 V or closer to the positive supply is approxi-
mately 35 ns, which is limited by the settling artifacts caused by
transistors in the input stage coming out of saturation.
The AD806x family does not exhibit phase reversal, even for
input voltages beyond the voltage supply rails. Going more
than 0.6 V beyond the power supplies will turn on protection
diodes at the input stage, which will greatly increase the device’s
current draw.
TIME (ns)
2.1
0
2.3
100
VOLTAGE STEP
FROM 2.4V TO 3.4V
2.5
2.7
2.9
3.1
3.3
3.5
3.7
VOLTAGE STEP
FROM 2.4V TO 3.6V
VOLTAGE STEP
FROM 2.4V TO 3.8V,
4V AND 5V
200
300
400
500
600
Figure 48. Pulse Response for G = 1 Follower,
Input Step Overloading the Input Stage
Output
Output overload recovery is typically within 40 ns after the
amplifier’s input is brought to a nonoverloading value. Figure 49
shows output recovery transients for the amplifier recovering
from a saturated output from the top and bottom supplies to a
point at midsupply.
TIME (ns)
–0.2
OUTPUT VOLTAGE
5V TO 2.5V
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
10
20
30
40
50
60
70
OUTPUT VOLTAGE
0V TO 2.5V
INPUT VOLTAGE
EDGES
R
5V
VO
2.5V
R
VIN
–
–
0
Figure 49. Overload Recovery, G = −1, VS = 5 V
CAPACITIVE LOAD DRIVE
The AD806x family is optimized for bandwidth and speed, not
for driving capacitive loads. Output capacitance creates a pole
in the amplifier’s feedback path, leading to excessive peaking
and potential oscillation. If dealing with load capacitance is a
requirement of the application, the two strategies to consider
are as follows:
1.
Use a small resistor in series with the amplifier’s output and
the load capacitance.
2.
Reduce the bandwidth of the amplifier’s feedback loop by
increasing the overall noise gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com