Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8321 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8321
Description  Gain Programmablea CATV Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8321 Datasheet(HTML) 3 Page - Analog Devices

  AD8321 Datasheet HTML 1Page - Analog Devices AD8321 Datasheet HTML 2Page - Analog Devices AD8321 Datasheet HTML 3Page - Analog Devices AD8321 Datasheet HTML 4Page - Analog Devices AD8321 Datasheet HTML 5Page - Analog Devices AD8321 Datasheet HTML 6Page - Analog Devices AD8321 Datasheet HTML 7Page - Analog Devices AD8321 Datasheet HTML 8Page - Analog Devices AD8321 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8321
LOGIC INPUTS (TTL/CMOS Logic) (DATEN, CLK, SDATA, V
CC = +9 V; Full Temperature Range)
Parameter
Min
Typ
Max
Unit
Logic “1” Voltage
Logic “0” Voltage
Logic “1” Current (VINH = 5 V) CLK, SDATA, DATEN
Logic “0” Current (VINL = 0 V) CLK, SDATA, DATEN
Logic “1” Current (VINH = 5 V) PD
Logic “0” Current (VINL = 0 V) PD
2.1
0
0
–600
50
–250
5.0
0.8
20
–100
190
–30
V
V
nA
nA
mA
mA
TIMING REQUIREMENTS (Full Temperature Range, V
CC = +9 V, TR = TF = 4 ns, fCLK = 8 MHz unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Clock Pulsewidth (TWH)
Clock Period (TC)
Setup Time SDATA vs. Clock (TDS)
Setup Time
DATEN vs. Clock (T
ES)
Hold Time SDATA vs. Clock (TDH)
Hold Time
DATEN vs. Clock (T
EH)
Input Rise and Fall Times, SDATA,
DATEN, Clock (T
R, TF)
16.0
32.0
5.0
15.0
5.0
3.0
10
ns
ns
ns
ns
ns
ns
ns
Specifications subject to change without notice.
TES
VALID DATA WORD G1
MSB. . . .LSB
GAIN TRANSFER (G1)
TDS
TEH
8 CLOCK CYCLES
GAIN TRANSFER (G2)
TOFF
TGS
ANALOG
OUTPUT
SIGNAL AMPLITUDE (p-p)
PD
PEDESTAL
CLK
SDATA
DATEN
TON
TC
TWH
VALID DATA WORD G2
Figure 2. Serial Interface Timing
VALID DATA BIT
MSB
MSB-1
MSB-2
TDS
TDH
SDATA
CLK
Figure 3. SDATA Timing
REV. A
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com