Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSLM2520-R10 Datasheet(PDF) 2 Page - TOKO, Inc

Part # FSLM2520-R10
Description  Wire Wound Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

FSLM2520-R10 Datasheet(HTML) 2 Page - TOKO, Inc

  FSLM2520-R10 Datasheet HTML 1Page - TOKO, Inc FSLM2520-R10 Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wire Wound Chip Inductors 巻線チップインダクタ
Wire Wound Chip Inductors 巻線チップインダクタ
#FSLM2520-4R7
4.7
J, K
30
7.96
1.9
180
70
#FSLM2520-5R6
5.6
J, K
30
7.96
2.2
170
60
#FSLM2520-6R8
6.8
J, K
30
7.96
2.4
165
55
#FSLM2520-8R2
8.2
J, K
30
7.96
2.6
160
50
#FSLM2520-100
10.0
J, K
25
2.52
2.2
155
30
#FSLM2520-330
33.0
J, K
25
2.52
4.7
110
17
#FSLM2520-390
39.0
J, K
25
2.52
8.1
85
15
#FSLM2520-470
47.0
J, K
25
2.52
8.8
80
14
#FSLM2520-560
56.0
J, K
25
2.52
10.0
75
12.5
#FSLM2520-680
68.0
J, K
25
2.52
11.5
70
12
#FSLM2520-820
82.0
J, K
25
2.52
12.5
65
11
#FSLM2520-101
100.0
J, K
15
0.796
13.0
60
10
#FSLM2520-121
120.0
J, K
15
0.796
19.0
55
8
#FSLM2520-151
150.0
J, K
15
0.796
22.0
50
7.5
#FSLM2520-181
180.0
J, K
15
0.796
25.0
47
7
#FSLM2520-221
220.0
J, K
15
0.796
28.0
44
6.5
#FSLM2520-120
12.0
J, K
25
2.52
2.5
150
27
#FSLM2520-150
15.0
J, K
25
2.52
2.8
140
23
#FSLM2520-180
18.0
J, K
25
2.52
3.2
130
22
#FSLM2520-220
22.0
J, K
25
2.52
3.6
125
21
#FSLM2520-270
27.0
J, K
25
2.52
4.3
115
19
#FSLM2520-R10
0.10
J, K
30
25.2
0.21
570
680
#FSLM2520-R12
0.12
J, K
30
25.2
0.22
550
650
#FSLM2520-R15
0.15
J, K
30
25.2
0.25
500
530
#FSLM2520-R18
0.18
J, K
30
25.2
0.29
460
520
#FSLM2520-R22
0.22
J, K
30
25.2
0.30
430
390
TYPE LLM2520 (Previous name FSLM2520, Quantity/reel; 2,000 PCS)
東光品番
インダクタンス(1)
Q
測定周波数
直流抵抗(2)
最大許容電流(3)
自己共振周波数
TOKO
Part
Number
Inductance(1)
Lo (µH)
Tolerance
Q
Min.
Test
Frequency
(MHz)
DC
Resistance(2)
(Ω ) Max.
Rated DC
Current(3)
(mA) Max.
Self-resonant
Frequency
(MHz) Min.
#FSLM2520-R27
0.27
J, K
30
25.2
0.33
420
330
#FSLM2520-R33
0.33
J, K
30
25.2
0.39
400
310
#FSLM2520-R39
0.39
J, K
30
25.2
0.40
375
290
#FSLM2520-R47
0.47
J, K
30
25.2
0.44
350
260
#FSLM2520-R56
0.56
J, K
30
25.2
0.49
330
230
#FSLM2520-R68
0.68
J, K
30
25.2
0.52
320
200
#FSLM2520-R82
0.82
J, K
30
25.2
0.61
290
180
#FSLM2520-1R0
1.0
J, K
30
7.96
0.75
250
150
#FSLM2520-1R2
1.2
J, K
30
7.96
0.87
240
140
#FSLM2520-1R5
1.5
J, K
30
7.96
1.0
230
130
#FSLM2520-1R8
1.8
J, K
30
7.96
1.1
220
120
#FSLM2520-2R2
2.2
J, K
30
7.96
1.3
210
105
#FSLM2520-2R7
2.7
J, K
30
7.96
1.4
200
90
#FSLM2520-3R3
3.3
J, K
30
7.96
1.6
190
80
#FSLM2520-3R9
3.9
J, K
30
7.96
1.7
185
75
(1)Inductance is measured with a LCR meter 4194A (∗) or 4291A (∗)
(2)DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3)Maximum allowable DC current is that which causes a 10%
inductance reduction from the initial value, or coil temperature to
rise by 20°C, whichever is smaller. (Reference ambient
temperature 20°C)
∗: Agilent Technologies
(1)インダクタンスはLCRメータ4194A (∗)または4291A (∗)により測定する。
(2)直流抵抗はデジタルマルチメータTR6871 (Advantest)または同等品によ
り測定する。
(3)最大許容電流は、直流重畳電流を流した時インダクタンスの値が初期値
より10%減少する直流電流値、または直流電流により、コイルの温度が
20℃上昇の何れか小さい値です。(周囲温度20℃を基準とする)
∗: Agilent Technologies
SELECTION GUIDE FOR STANDARD COILS
continued from previous page
前頁より続く
Add the tolerance of inductance to within the h of the part Number as follows: J=±5%, K=±10%
h はインダクタンスの許容差をあらわして居りますので、ご指定下さい。 J=±5%, K=±10%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com