Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSLM2520-R12 Datasheet(PDF) 1 Page - TOKO, Inc

Part # FSLM2520-R12
Description  Wire Wound Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

FSLM2520-R12 Datasheet(HTML) 1 Page - TOKO, Inc

  FSLM2520-R12 Datasheet HTML 1Page - TOKO, Inc FSLM2520-R12 Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wire Wound Chip Inductors 巻線チップインダクタ
Wire Wound Chip Inductors 巻線チップインダクタ
(Previous name FSLM2520)
Inductance Range: 0.1~220µH (E-12)
DIMENSIONS/外形寸法図
LLM2520
Recommended patterns
推奨パターン図
(Unit: mm)
1.2
1.5
1.2
Tolerance ±0.2
(Unit: mm)
2.0
Inductance ID
Type & Rotation ID
1.4
1.7 Max.
0.5
0
10
20
30
40
50
60
70
1
10
100
Frequency (MHz)
Q vs Frequency
47µH
4.7µH
0.47µH
EXAMPLES OF CHARACTERISTICS/特性例
FEATURES/特長
• Wire-wound miniature chip inductor most suitable for
surface mount.
• It is recommended for wide general use for signal
conditioning in a variety of electronic equipment.
• Low profile 1.7mm Max height. (1.6mm Typ.)
• Wide inductance range from 0.1 to 220µH.
• Superior solderability and high heat-resistance for reflow
soldering.
• Excellent environmental and mechanical stability.
• RoHS compliant.
• 巻線形構造の面実装
づけ
小型チップインダクタ
• 各種電子機器の信号処理用として、セットの薄形化、高密度実
装への対応に最適
• 低背形1.7mm Max. (1.6mm Typ.)
• 0.1∼220µHまでの幅広いインダクタンス範囲
• リフロはんだ付けが可能
• 角形外装、金属端子構造による高い実装信頼性と優れた機械的、
耐候的信頼性
• RoHS指令対応
• Inductance Range
0.1~220µH (E-12 Series)
• Inductance Tolerance
J ; ± 5%
K ; ± 10%
• Inductance Temperature Coefficient 750ppm/°C Max.
• Operating Temperature Range
− 40°C~+85°C
• Storge Temperature Range
− 40°C~+85°C
(In case of taping used)
(− 40°C~+60°C)
• インダクタンス範囲
0.1∼220μH (E-12シリーズ)
• インダクタンス許容差
J級 ; ±
5%
K級 ; ±
10%
• インダクタンス温度係数
750ppm/℃
Max.
• 使用温度範囲
−40℃∼+85℃
• 保存温度範囲
−40℃∼+85℃
(テーピング状態)
(−40℃∼+60℃)
ELECTRICAL CHARACTERISTICS/電気的特性
continued on next page
次頁へ続く


Similar Part No. - FSLM2520-R12

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
FSLM2520-R12-J TOKO-FSLM2520-R12-J Datasheet
28Kb / 2P
Wirewound Chip Inductors
FSLM2520-R12-K TOKO-FSLM2520-R12-K Datasheet
28Kb / 2P
Wirewound Chip Inductors
FSLM2520-R12J TOKO-FSLM2520-R12J Datasheet
406Kb / 2P
Wire Wound Chip Inductors
logo
Murata Manufacturing Co...
FSLM2520-R12J MURATA-FSLM2520-R12J Datasheet
743Kb / 2P
Inductor
More results

Similar Description - FSLM2520-R12

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100M TAIYO-YUDEN-LB2016T100M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2016T150K TAIYO-YUDEN-LB2016T150K Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2016T330K TAIYO-YUDEN-LB2016T330K Datasheet
137Kb / 1P
Wire-wound Chip Inductors
LB2016T680K TAIYO-YUDEN-LB2016T680K Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2016T680M TAIYO-YUDEN-LB2016T680M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com