Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTF2012D Datasheet(PDF) 1 Page - TOKO, Inc

Part # LTF2012D
Description  MULTILAYER CERAMIC DIPLEXER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LTF2012D Datasheet(HTML) 1 Page - TOKO, Inc

  LTF2012D Datasheet HTML 1Page - TOKO, Inc LTF2012D Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LTF2012D Series
MULTILAYER CERAMIC DIPLEXER
DESCRIPTION
TOKO’s LTF2012D is a multilayer ceramic
diplexer for dual band mobile communication
systems. It has low passband loss in both
high and low bands. TOKO’s proprietary
ceramic multilayer material and process is
utilized for excellent performance and
exceptional reliability. Specific parts have
been designed for common dual band
systems, such as AMPS-PCS and GSM-
DCS.
FEATURES
DIMENSIONS
Miniature footprint: 2.0 x 1.2mm
Low profile: 1.0mm max.
Integrated ceramic structure
Operating temperature: - 55
°C to + 125°C
Reflow solderable
3GND
2
IN
1
GND
Units: mm
4OUT25
GND
6
OUT1
ELECTRICAL SPECIFICATIONS
TOKO Part Number
LTF2012D-F17S
LTF2012D-F25S
OUT1 (AMPS)
OUT2 (PCS)
OUT1 (GSM)
OUT2 (DCS)
Frequency Range
824-894 MHz
1850-1990 MHz
880-960 MHz
1710-1880 MHz
Attenuation @ Low Band (dB)
0.45 max.
19.0 min.
0.5 max.
20.0 min.
Attenuation @ High Band (dB)
20.0 min.
0.5 max.
16.0 min.
0.55 max.
Passband Return Loss (dB)
12.0 min.
12.0 min.
12.0 min.
12.0 min.
Impedance
50
Ω
50
Ω
50
Ω
50
Ω
April 2003
1
 2003 TOKO America, Inc.
CF-210-LTF2012D
All Rights Reserved
Printed in USA


Similar Part No. - LTF2012D

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LTF2012B-F2R4B TOKO-LTF2012B-F2R4B Datasheet
233Kb / 1P
MULTILAYER CERAMIC BANDPASS FILTER
More results

Similar Description - LTF2012D

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPX105950DT-6012A1 TDK-DPX105950DT-6012A1 Datasheet
86Kb / 8P
Multilayer Diplexer
DPX162500DT-8028A1 TDK-DPX162500DT-8028A1 Datasheet
83Kb / 8P
Multilayer Diplexer
DPX165850DT-8017A1 TDK-DPX165850DT-8017A1 Datasheet
80Kb / 7P
Multilayer Diplexer
DPX165850DT-8033B1 TDK-DPX165850DT-8033B1 Datasheet
78Kb / 7P
Multilayer Diplexer
DPX165950DT-8018A1 TDK-DPX165950DT-8018A1 Datasheet
86Kb / 7P
Multilayer Diplexer
DPX165950DT-8026A1 TDK-DPX165950DT-8026A1 Datasheet
96Kb / 7P
Multilayer Diplexer
DPX205850DT-4043A1 TDK-DPX205850DT-4043A1_16 Datasheet
79Kb / 7P
Multilayer Diplexer
DPX252500DT-5217A1 TDK-DPX252500DT-5217A1 Datasheet
91Kb / 7P
Multilayer Diplexer
logo
Raltron Electronics Cor...
RCDI-W2A1-W5A17-1608-W-TR RALTRON-RCDI-W2A1-W5A17-1608-W-TR Datasheet
404Kb / 3P
MULTILAYER CERAMIC DIPLEXER
RCDI-24-49-1608-W-TR RALTRON-RCDI-24-49-1608-W-TR Datasheet
219Kb / 3P
MULTILAYER CERAMIC DIPLEXER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com