Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ACP-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8330ACP-R2
Description  Low Cost DC to 150 MHz Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACP-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8330ACP-R2 Datasheet HTML 8Page - Analog Devices AD8330ACP-R2 Datasheet HTML 9Page - Analog Devices AD8330ACP-R2 Datasheet HTML 10Page - Analog Devices AD8330ACP-R2 Datasheet HTML 11Page - Analog Devices AD8330ACP-R2 Datasheet HTML 12Page - Analog Devices AD8330ACP-R2 Datasheet HTML 13Page - Analog Devices AD8330ACP-R2 Datasheet HTML 14Page - Analog Devices AD8330ACP-R2 Datasheet HTML 15Page - Analog Devices AD8330ACP-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD8330
Rev. C | Page 12 of 32
TIME (ns)
1.5
–1.5
–1.0
–0.5
0
1.0
0.5
–50
–25
0
25
50
75
100
VDBS = 0.75V
Figure 34. Full-Scale Transient Response, VDBS = 0.75 V,
f = 1 MHz, VOUT = 2 V p-p
TIME (ns)
1.5
–1.5
–1.0
–0.5
0
1.0
0.5
–50
–25
0
25
50
75
100
VDBS = 1.5V
Figure 35. Full-Scale Transient Response, VDBS = 1.5 V,
f = 1 MHz, VOUT = 2 V p-p
12.5ns
500mV
CL = 24pF
CL = 54pF
CL = 12pF
Figure 36. Transient Response vs. Various Load Capacitances, G = 25 dB
1V
1V
400ns
Figure 37. VDBS Interface Response, Top: VDBS, Bottom: VOUT
1mV
2V
400ns
Figure 38. VMAG Interface Response, Top: VMAG, Bottom: VOUT
12.5ns
1V
100mV
VMAG = 0.05V
VMAG = 0.5V
VMAG = 5V
Figure 39. Transient Response vs. VMAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com