Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8337 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8337 Datasheet HTML 9Page - Analog Devices AD8337 Datasheet HTML 10Page - Analog Devices AD8337 Datasheet HTML 11Page - Analog Devices AD8337 Datasheet HTML 12Page - Analog Devices AD8337 Datasheet HTML 13Page - Analog Devices AD8337 Datasheet HTML 14Page - Analog Devices AD8337 Datasheet HTML 15Page - Analog Devices AD8337 Datasheet HTML 16Page - Analog Devices AD8337 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8337
Rev. B | Page 13 of 24
FREQUENCY (Hz)
–60
–50
–30
–20
100k
–40
1M
100M
10M
–10
–80
–70
0
10
VGAIN = +0.7V, VS = ±2.5V
VGAIN = +0.7V, VS = ±5V
VGAIN = 0V, VS = ±2.5V
VGAIN = 0V, VS = ±5V
VGAIN = –0.7V, VS = ±2.5V
VGAIN = –0.7V, VS = ±5V
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
–0.3 –0.1
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
TIME (µs)
VOUT (V)
VIN (V)
VGAIN = 0.7V
Figure 39. Preamp Overdrive Recovery
See Figure 55
Figure 42. PSRR vs. Frequency of Negative Supply
See Figure 60
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
–0.3 –0.1
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
TIME (µs)
VGAIN = 0.7V
VOUT (V)
VIN (V)
12
16
18
–10
24
22
–50
14
TEMPERATURE (°C)
–30
30
10
50
70
20
90
VS = ±5V
VS = ±2.5V
Figure 43. Quiescent Supply Current vs. Temperature
See Figure 57
Figure 40. VGA Overdrive Recovery
See Figure 56
FREQUENCY (Hz)
–60
–50
–30
–20
100k
–40
1M
100M
10M
–10
–80
–70
0
10
VGAIN = +0.7V, VS = ±2.5V
VGAIN = +0.7V, VS = ±5V
VGAIN = 0V, VS = ±2.5V
VGAIN = 0V, VS = ±5V
VGAIN = –0.7V, VS = ±2.5V
VGAIN = –0.7V, VS = ±5V
Figure 41. PSRR vs. Frequency of Positive Supply
See Figure 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com