Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8350 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8350
Description  Low Distortion 1.0 GHz Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8350 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8350 Datasheet HTML 8Page - Analog Devices AD8350 Datasheet HTML 9Page - Analog Devices AD8350 Datasheet HTML 10Page - Analog Devices AD8350 Datasheet HTML 11Page - Analog Devices AD8350 Datasheet HTML 12Page - Analog Devices AD8350 Datasheet HTML 13Page - Analog Devices AD8350 Datasheet HTML 14Page - Analog Devices AD8350 Datasheet HTML 15Page - Analog Devices AD8350 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. A
AD8350
–13–
Table II. Typical Scattering Parameters for the AD8350-15: VCC = 5 V, Differential Input and Output, ZSOURCE(diff) = 200
,
ZLOAD(diff) = 200
Frequency – MHz
S11
S12
S21
S22
25
0.015
∠–48.8°
0.119
∠176.3°
5.60
∠–4.3°
0.034
∠–4.8°
50
0.028
∠–65.7°
0.119
∠171.1°
5.61
∠–8.9°
0.032
∠–14.3°
75
0.043
∠–75.3°
0.119
∠166.9°
5.61
∠–13.5°
0.036
∠–30.2°
100
0.057
∠–87.5°
0.120
∠163.5°
5.61
∠–17.9°
0.043
∠–39.6°
125
0.073
∠–91.8°
0.119
∠159.8°
5.65
∠–22.6°
0.053
∠–40.6°
150
0.080
∠–95.6°
0.120
∠154.8°
5.68
∠–27.0°
0.058
∠–37°
175
0.100
∠–97.4°
0.117
∠151.2°
5.73
∠–31.8°
0.072
∠–45.1°
200
0.111
∠–99.1°
0.121
∠147.3°
5.78
∠–36.3°
0.077
∠–47.7°
225
0.128
∠–103.2°
0.120
∠143.7°
5.83
∠–41.0°
0.091
∠–52.5°
250
0.141
∠–106.7°
0.120
∠140.3°
5.90
∠–45.6°
0.104
∠–55.1°
275
0.151
∠–109.7°
0.120
∠136.6°
6.02
∠–50.2°
0.108
∠–54.2°
300
0.161
∠–111.9°
0.123
∠132.9°
6.14
∠–55.1°
0.122
∠–51.5°
325
0.179
∠–114.7°
0.121
∠130.7°
6.19
∠–60.2°
0.135
∠–55.6°
350
0.187
∠–117.4°
0.122
∠126.6°
6.27
∠–65.0°
0.150
∠–56.9°
375
0.194
∠–121°
0.123
∠123.6°
6.43
∠–70.1°
0.162
∠–60.9°
400
0.199
∠–121.2°
0.124
∠120.1°
6.61
∠–75.8°
0.187
∠–60.3°
425
0.215
∠–122.6°
0.126
∠117.2°
6.77
∠–81.7°
0.215
∠–63.3°
450
0.225
∠–127.0°
0.126
∠113.9°
6.91
∠–87.6°
0.242
∠–63.9°
475
0.225
∠–127.7°
0.126
∠112°
7.06
∠–93.8°
0.268
∠–65.2°
500
0.244
∠–129.9°
0.128
∠108.1°
7.27
∠–99.8°
0.304
∠–68.2°
Table III. Typical Scattering Parameters for the AD8350-20: VCC = 5 V, Differential Input and Output, ZSOURCE(diff) = 200
,
ZLOAD(diff) = 200
Frequency – MHz
S11
S12
S21
S22
25
0.017
∠–142.9°
0.074
∠174.9°
9.96
∠–4.27°
0.023–16.6
°
50
0.033
∠–114.9°
0.074
∠171.0°
9.98
∠–8.9°
0.022
∠–2.7°
75
0.055
∠–110.6°
0.075
∠167.0°
9.98
∠–13.3°
0.023
∠–23.5°
100
0.073
∠–109.4°
0.075
∠163.1°
10.00
∠–17.7°
0.029
∠–22.7°
125
0.089
∠–112.1°
0.075
∠159.2°
10.12
∠–22.1°
0.037
∠–18.0°
150
0.098
∠–116.5°
0.076
∠153.8°
10.20
∠–26.4°
0.045
∠–3.2°
175
0.124
∠–118.1°
0.075
∠150.2°
10.34
∠–30.9°
0.055
∠–15.7°
200
0.141
∠–119.4°
0.076
∠147.2°
10.50
∠–35.6°
0.065
∠–15.6°
225
0.159
∠–122.6°
0.077
∠142.2°
10.65
∠–40.1°
0.080
∠–17.7°
250
0.170
∠–128.5°
0.078
∠139.5°
10.80
∠–44.7°
0.085
∠–22.4°
275
0.186
∠–131.6°
0.078
∠135.8°
11.14
∠–49.3°
0.096
∠–23.5°
300
0.203
∠–132.9°
0.080
∠132.5°
11.45
∠–54.7°
0.116
∠–25.9°
325
0.215
∠–135.0°
0.080
∠129.3°
11.70
∠–60.3°
0.139
∠–29.6°
350
0.222
∠–136.9°
0.082
∠125.9°
11.93
∠–65.0°
0.161
∠–32.2°
375
0.242
∠–142.4°
0.082
∠123.6°
12.39
∠–70.3°
0.173
∠–38.6°
400
0.240
∠–145.2°
0.084
∠120.3°
12.99
∠–76.8°
0.207
∠–37.6°
425
0.267
∠–146.7°
0.084
∠117.3°
13.34
∠–84.0°
0.241
∠–48.1°
450
0.266
∠–150.7°
0.086
∠115.1°
13.76
∠–90.1°
0.265
∠–49.7°
475
0.267
∠–153.7°
0.087
∠112.8°
14.34
∠–97.5°
0.317
∠–53.5°
500
0.285
∠–161.1°
0.088
∠110.9°
14.89
∠–105.0°
0.359
∠–59.2°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com