Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8352 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8352
Description  2 GHz Ultralow Distortion Differential RF/IF Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8352 Datasheet HTML 9Page - Analog Devices AD8352 Datasheet HTML 10Page - Analog Devices AD8352 Datasheet HTML 11Page - Analog Devices AD8352 Datasheet HTML 12Page - Analog Devices AD8352 Datasheet HTML 13Page - Analog Devices AD8352 Datasheet HTML 14Page - Analog Devices AD8352 Datasheet HTML 15Page - Analog Devices AD8352 Datasheet HTML 16Page - Analog Devices AD8352 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8352
Rev. A | Page 13 of 20
–60
–110
FREQUENCY (MHz)
10
70
140
190
240
–70
–80
–90
–100
3RDS, 2V p-p OUT
3RDS, 1V p-p OUT
Figure 29. Single-Ended, Third-Order Harmonic Distortion, 200 Ω Load
–60
–110
FREQUENCY (MHz)
10
70
140
190
240
–70
–80
–90
–100
2NDS, 1V p-p OUT
2NDS, 2V p-p OUT
Figure 30. Single-Ended, Second-Order Harmonic Distortion, 1 kΩ Load
–60
–110
FREQUENCY (MHz)
10
70
140
190
240
–70
–80
–90
–100
3RDS, 1V p-p OUT
3RDS, 2V p-p OUT
Figure 31. Single-Ended, Third-Order Harmonic Distortion, 1 kΩ Load
Table 7. Distortion Cancellation Selection Components
(RD and CD) for Required Gain, 200 Ω Load
AV (dB)
RG (Ω)
CD (pF)
RD (kΩ)
3
4.3 k
Open
4.3
6
540
Open
4.3
9
220
0.1
4.3
12
120
0.3
4.3
15
68
0.6
4.3
18
43
0.9
4.3
Table 8. Distortion Cancellation Selection Components
(RD and CD) for Required Gain, 1 kΩ Load
AV (dB)
RG (Ω)
CD (pF)
RD (kΩ)
6
3 k
Open
4.3
9
470
Open
4.3
12
210
0.2
4.3
15
120
0.3
4.3
18
68
0.5
4.3
NARROW-BAND, THIRD-ORDER
INTERMODULATION CANCELLATION
Broadband, single tone, third-order harmonic optimization
does not necessarily result in optimum (minimum) two tone,
third-order intermodulation levels. The specified values for CD
and RD in Table 5 and Table 6 were determined for minimizing
broadband, single tone, third-order levels.
Due to phase-related distortion coefficients, optimizing single
tone, third-order distortion does not result in optimum in band
(2f1 − f2 and 2f2 − f1), third-order distortion levels. By proper
selection of CD (using a fixed 4.3 kΩ RD), IP3s of better than
45 dBm are achieved. This results in degraded out-of-band,
third-order frequencies (f2 + 2f1, f1 + 2f2, 3f1 and 3f2). Thus,
careful frequency planning is required to determine the
tradeoffs.
Figure 32 shows narrow band (2 MHz spacing) OIP3 levels
optimized at 32 MHz, 70 MHz, 100 MHz, and 180 MHz using
the CD values specified in Figure 33. These four data points (the
CD value and associated IP3 levels) are extrapolated to provide
close estimates of IP3 levels for any specific frequency between
30 MHz and 180 MHz. For frequencies below approximately
140 MHz, narrow-band tuning of IP3 results in relatively higher
IP3s (vs. the broadband results shown in Table 2 specifications).
Though not shown, frequencies below 30 MHz also result in
improved IP3s when using proper values for CD.
48
38
02
FREQUENCY (MHz)
00
47
46
45
44
43
42
41
40
39
50
100
150
RL = 200Ω
RD = 4.3kΩ
CD = 0.3pF
6dB
10dB
15dB
18dB
AV =
Figure 32. Third-Order Intermodulation Distortion vs. Frequency for
Various Gain Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com