Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7516 Datasheet(PDF) 13 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 9Page - Analog Devices ADT7516 Datasheet HTML 10Page - Analog Devices ADT7516 Datasheet HTML 11Page - Analog Devices ADT7516 Datasheet HTML 12Page - Analog Devices ADT7516 Datasheet HTML 13Page - Analog Devices ADT7516 Datasheet HTML 14Page - Analog Devices ADT7516 Datasheet HTML 15Page - Analog Devices ADT7516 Datasheet HTML 16Page - Analog Devices ADT7516 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 13 of 44
2.00
2.7
3.1
3.5
3.9
4.3
4.7
5.1
2.9
3.3
3.7
4.1
4.5
4.9
5.3 5.5
VCC (V)
1.75
1.80
1.85
1.90
1.95
ADC OFF
DAC OUTPUTS AT 0V
Figure 20. Supply Current vs. Supply Voltage @ 25°C
7
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
VCC (V)
0
1
2
3
4
5
6
Figure 21. Power-Down Current vs. Supply Voltage @ 25°C
4.0
02
468
1
TIME (µs)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
Figure 22. DAC Half-Scale Settling (1/4 to 3/4 Scale Code Change)
1.8
0.8
1.0
1.2
1.4
1.6
0.6
02
4
TIME (µs)
68
0.4
0.2
0
10
Figure 23. Exiting Power-Down to Midscale
0.4700
02
46
8
1
TIME (µs)
0.4650
0.4655
0.4660
0.4665
0.4670
0.4675
0.4680
0.4685
0.4690
0.4695
0
Figure 24. ADT7516 DAC Major Code Transition Glitch Energy;
011…11 to 100...00
0.4730
02
46
8
1
TIME (µs)
0.4685
0.4690
0.4695
0.4700
0.4705
0.4710
0.4715
0.4720
0.4725
0
Figure 25. ADT7516 DAC Major Code Transition Glitch Energy;
100…00 to 011…11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com