Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP402 Datasheet(PDF) 7 Page - Analog Devices

Part # CMP402
Description  23 ns and 65 ns Low Voltage Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CMP402 Datasheet(HTML) 7 Page - Analog Devices

  CMP402 Datasheet HTML 1Page - Analog Devices CMP402 Datasheet HTML 2Page - Analog Devices CMP402 Datasheet HTML 3Page - Analog Devices CMP402 Datasheet HTML 4Page - Analog Devices CMP402 Datasheet HTML 5Page - Analog Devices CMP402 Datasheet HTML 6Page - Analog Devices CMP402 Datasheet HTML 7Page - Analog Devices CMP402 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. A
–7–
Typical Performance Characteristics–CMP401/CMP402
DIGITAL SUPPLY VOLTAGE – V
1.6
1.2
0.0
15
23
4
0.8
0.4
+125 C
+25 C
–40 C
TPC 19. CMP401 Digital Supply
Current vs. Digital Supply Voltage
TEMPERATURE – C
1.4
1.2
0.4
–75 –50
150
–25
0
25
75 100 125
50
1.0
0.8
0.6
+5V
5V
+3V
TPC 22. CMP402 Analog Supply
Current vs. Temperature
DIGITAL SUPPLY VOLTAGE – V
1.6
1.2
0.0
15
23
4
0.8
0.4
+125 C
+25 C
–40 C
TPC 20. CMP402 Digital Supply
Current vs. Digital Supply Voltage
ANALOG SUPPLY VOLTAGE – V
7.0
6.0
2.0
12
10
345
789
6
5.0
4.0
3.0
+25 C
+125 C
–40 C
TPC 23. CMP401 Analog Supply
Current vs. Analog Supply Voltage
TEMPERATURE – C
7.0
6.0
2.0
–75 –50
150
–25
0
25
75 100 125
50
5.0
4.0
3.0
+5V
5V
+3V
TPC 21. CMP401 Analog Supply
Current vs. Temperature
ANALOG SUPPLY VOLTAGE – V
1.4
1.2
0.4
12
10
345
789
6
1.0
0.8
0.6
+25 C
+125 C
–40 C
TPC 24. CMP402 Analog Supply
Current vs. Analog Supply Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com