Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP402GRU Datasheet(PDF) 1 Page - Analog Devices

Part # CMP402GRU
Description  23 ns and 65 ns Low Voltage Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CMP402GRU Datasheet(HTML) 1 Page - Analog Devices

  CMP402GRU Datasheet HTML 1Page - Analog Devices CMP402GRU Datasheet HTML 2Page - Analog Devices CMP402GRU Datasheet HTML 3Page - Analog Devices CMP402GRU Datasheet HTML 4Page - Analog Devices CMP402GRU Datasheet HTML 5Page - Analog Devices CMP402GRU Datasheet HTML 6Page - Analog Devices CMP402GRU Datasheet HTML 7Page - Analog Devices CMP402GRU Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
CMP401/CMP402
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
23 ns and 65 ns
Low Voltage Comparators
FUNCTIONAL BLOCK DIAGRAM
OUTPUT
IN+
IN–
VDIGITAL =
3V OR 5V
NOTE: (VANALOG+ ) – (VANALOG–) 3V
VANALOG+ =
0V OR 5V
VANALOG– =
+0V OR –5V
FEATURES
23 ns or 65 ns Propagation Delay
Single-Supply Operation
Compatible with 3 V and 5 V Logic
Separate Input and Output Sections
Low Power
Wide Input Range: –5 V to +3.9 V
APPLICATIONS
Battery-Operated Instrumentation
Line Receivers
Level Translators
Read Channel Detection
10
0%
2v
10nS
50mV
100
90
CMP401: 20 MHz Noninverting Switching, VIN =
±100 mV
GENERAL DESCRIPTION
The CMP401 and CMP402 are 23 ns and 65 ns quad comp-
arators with separate input and output supplies. Separate supplies
enable the input stage to be operated from +3 V to as high as
±6V.
The output can be supplied with either 3 V or 5 V as determined
by the interface logic or available supplies. Independent input
and output supplies combined with fast propagation make the
CMP401 and CMP402 excellent choices for interfacing to
portable instrumentation.
The CMP401 and CMP402 are specified over the extended indus-
trial (–40
°C to +125°C) temperature range. Both are available in
narrow SO-16 surface-mount packages and 16-lead TSSOP.


Similar Part No. - CMP402GRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CMP402GRU AD-CMP402GRU Datasheet
132Kb / 8P
23 ns and 65 ns Low Voltage Comparators
REV.0
CMP402GRU AD-CMP402GRU Datasheet
133Kb / 8P
23 ns and 65 ns Low Voltage Comparators
2/02-REV.A
More results

Similar Description - CMP402GRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8611 AD-AD8611 Datasheet
130Kb / 12P
Ultrafast 4 ns Single Supply Comparators
REV.0
CMP401 AD-CMP401 Datasheet
132Kb / 8P
23 ns and 65 ns Low Voltage Comparators
REV.0
CMP4014444 AD-CMP4014444 Datasheet
133Kb / 8P
23 ns and 65 ns Low Voltage Comparators
2/02-REV.A
AD8611 AD-AD8611_06 Datasheet
413Kb / 20P
Ultrafast, 4 ns Single-Supply Comparators
8/06-Rev. 0 to Rev. A
logo
Texas Instruments
TLV3201 TI1-TLV3201_12 Datasheet
1Mb / 26P
40-ns, microPOWER, Push-Pull Output Comparators
TLV3201 TI1-TLV3201_14 Datasheet
1Mb / 31P
40-ns, microPOWER, Push-Pull Output Comparators
logo
Analog Devices
CMP401 AD-CMP401_15 Datasheet
131Kb / 8P
23 ns and 65 ns Low Voltage Comparators
REV. A
CMP402 AD-CMP402_15 Datasheet
131Kb / 8P
23 ns and 65 ns Low Voltage Comparators
REV. A
logo
Texas Instruments
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
40-ns, microPOWER, Push-Pull Output Comparators
TLV3201-Q1 TI1-TLV3201-Q1 Datasheet
1Mb / 30P
40-ns, Micropower, Push-Pull Output Automotive Comparators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com