Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADT7516EB Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-ADT7516EB
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT7516EB Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-ADT7516EB Datasheet HTML 3Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 4Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 5Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 6Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 7Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 8Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 9Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 10Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 7 of 44
TIMING DIAGRAMS
SCL
t4
t2
t1
t3
t5
t6
SDA
DATA IN
SDA
DATA OUT
Figure 2. I2C Bus Timing Diagram
t1
t2
t3
t5
t6
t4
t7
t8
D7
CS
SCLK
DIN
DOUT
D6
D5
D4
D3
D2
D1
D0
X
X
X
XXXX
X
X
XX
X
XXXX
D7
D6
D5
D4
D3
D2
D1
D0
Figure 3. SPI Bus Timing Diagram
200µA
IOH
1.6V
TO OUTPUT
PIN
CL
50pF
200µA
IOL
Figure 4. Load Circuit for Access Time and Bus Relinquish Time
4.7kΩ
4.7kΩ
VDD
TO DAC
OUTPUT
200pF
Figure 5. Load Circuit for DAC Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com