Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS51 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89LS51
Description  8-Bit Microcontroller with 4K Bytes Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS51 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89LS51 Datasheet HTML 1Page - ATMEL Corporation AT89LS51 Datasheet HTML 2Page - ATMEL Corporation AT89LS51 Datasheet HTML 3Page - ATMEL Corporation AT89LS51 Datasheet HTML 4Page - ATMEL Corporation AT89LS51 Datasheet HTML 5Page - ATMEL Corporation AT89LS51 Datasheet HTML 6Page - ATMEL Corporation AT89LS51 Datasheet HTML 7Page - ATMEL Corporation AT89LS51 Datasheet HTML 8Page - ATMEL Corporation AT89LS51 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
4-45
Features
• Compatible with MCS-51™ Products
• 4K Bytes of Reprogrammable Flash Memory
– Endurance: 1,000 Write/Erase Cycles
• 2.7V to 6V Operating Range
• Fully Static Operation: 0 Hz to 12 MHz
• Three-Level Program Memory Lock
• 128 x 8-Bit Internal RAM
• 32 Programmable I/O Lines
• Two 16-Bit Timer/Counters
• Six Interrupt Sources
• Programmable Serial Channel
• Low Power Idle and Power Down Modes
Description
The AT89LV51 is a low-voltage, high-performance CMOS 8-bit microcomputer with
4K bytes of Flash Programmable and Erasable Read Only Memory. The device is
manufactured using Atmel’s high density nonvolatile memory technology and is com-
patible with the industry standard MCS-51™ instruction set and pinout. The on-chip
Flash allows the program memory to be reprogrammed in-system or by a conven-
tional nonvolatile memory programmer. By combining a versatile 8-bit CPU with Flash
on a monolithic chip, the Atmel AT89LV51 is a powerful microcomputer which pro-
vides a highly flexible and cost effective solution to many embedded control applica-
tions. The AT89LV51 operates at 2.7 volts up to 6.0 volts.
TQFP
23
1
I NDEX
CORNER
34
42
43
40
41
6
5
4
44
3
2
26
25
28
27
24
18
19
20
21
22
P1.7
P1.6
P1.5
NC
7
8
9
10
11
12
13
14
15
16
17
29
30
39
38
37
36
35
33
32
31
NC
PSEN
ALE/PR OG
EA/VPP
(RX D )
P 3.0
P0.7
( A D 7 )
P2.6
(A14)
P0.6
( A D 6 )
P0.5
( A D 5 )
P0.4
( A D 4 )
()
P 3 . 2
INT0
(TX D )
P 3.1
(T1)
P 3 .5
()
P 3 . 3
INT1
(T0)
P 3 .4
P2.7
(A15)
RST
P2.5
(A13)
PDIP
P1.0
V CC
P1.1
P0.0
( A D 0 )
P1.2
()
P 3 . 2
INT0
ALE/PR OG
()
P 3 . 7
RD
P2.3
(A11)
(TX D )
P 3.1
EA/VPP
()
P 3 . 6
WR
P2.4
(A12)
(RX D )
P 3.0
P0.7
( A D 7 )
(T1)
P 3 .5
P2.6
(A14)
RST
P0.6
( A D 6 )
P1.7
P0.5
( A D 5 )
P1.6
P0.4
( A D 4 )
P1.5
P0.3
( A D 3 )
P1.4
P0.2
( A D 2 )
P1.3
P0.1
( A D 1 )
()
P 3 . 3
INT1
PSEN
XTAL2
P 2.2
( A10)
(T0)
P 3 .4
P2.7
(A15)
XTAL1
P 2.1
( A9)
GND
P 2.0
( A 8 )
P2.5
(A13)
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
21
22
23
24
25
26
40
39
38
37
36
35
34
33
32
31
30
29
28
27
PLCC
ALE/PR OG
EA/VPP
(RX D )
P 3.0
P0.7
( A D 7 )
P2.6
(A14)
P0.6
( A D 6 )
P0.5
( A D 5 )
P0.4
( A D 4 )
PSEN
()
P 3 . 2
INT0
(TX D )
P 3.1
(T1)
P 3 .5
()
P 3 . 3
INT1
(T0)
P 3 .4
P2.7
(A15)
23
1
RST
P1.7
P1.6
P1.5
I NDEX
CORNER
NC
P2.5
(A13)
34
NC
42
43
40
41
6
5
44 4
3
2
26
25
28
27
18
19
20
24
21
22
7
8
9
10
11
12
13
14
15
16
17
29
30
39
38
37
36
35
33
32
31
8-Bit
Microcontroller
with 4K Bytes
Flash
AT89LV51
Not Recommended
for New Designs.
Use AT89LS51.
Pin Configurations
0303D-D–12/97
(continued)


Similar Part No. - AT89LS51

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LS51 ATMEL-AT89LS51 Datasheet
261Kb / 29P
8-bit Low-Voltage Microcontroller with 4K Bytes In-System Programmable Flash
AT89LS51 ATMEL-AT89LS51 Datasheet
448Kb / 32P
8-bit Low-Voltage Microcontroller with 4K Bytes In-System Programmable Flash
AT89LS51 ATMEL-AT89LS51 Datasheet
496Kb / 31P
8-bit Low-Voltage Microcontroller with 4K Bytes In-System Programmable Flash
AT89LS51-16AC ATMEL-AT89LS51-16AC Datasheet
261Kb / 29P
8-bit Low-Voltage Microcontroller with 4K Bytes In-System Programmable Flash
AT89LS51-16AC ATMEL-AT89LS51-16AC Datasheet
448Kb / 32P
8-bit Low-Voltage Microcontroller with 4K Bytes In-System Programmable Flash
More results

Similar Description - AT89LS51

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051 ATMEL-AT89C4051 Datasheet
265Kb / 19P
8-Bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51 Datasheet
129Kb / 15P
8-Bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
197Kb / 16P
8-Bit Microcontroller with 4K Bytes Flash
AT89S2051 ATMEL-AT89S2051 Datasheet
981Kb / 45P
8-bit Microcontroller with 2K/4K Bytes Flash
AT89C51 ATMEL-AT89C51_00 Datasheet
141Kb / 17P
8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
328Kb / 19P
8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_01 Datasheet
242Kb / 18P
8-bit Microcontroller with 4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
8-bit Microcontroller with 2K/4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_08 Datasheet
404Kb / 19P
8-bit Microcontroller with 4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
8-bit Microcontroller with 2K/4K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com