Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C2051 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT89C2051
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C2051 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT89C2051 Datasheet HTML 1Page - ATMEL Corporation AT89C2051 Datasheet HTML 2Page - ATMEL Corporation AT89C2051 Datasheet HTML 3Page - ATMEL Corporation AT89C2051 Datasheet HTML 4Page - ATMEL Corporation AT89C2051 Datasheet HTML 5Page - ATMEL Corporation AT89C2051 Datasheet HTML 6Page - ATMEL Corporation AT89C2051 Datasheet HTML 7Page - ATMEL Corporation AT89C2051 Datasheet HTML 8Page - ATMEL Corporation AT89C2051 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
0368G–MICRO–6/05
AT89C2051
2.
Pin Configuration
2.1
20-lead PDIP/SOIC
3.
Block Diagram
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
RST/VPP
(RXD) P3.0
(TXD) P3.1
XTAL2
XTAL1
(INT0) P3.2
(INT1) P3.3
(TO) P3.4
(T1) P3.5
GND
VCC
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1 (AIN1)
P1.0 (AIN0)
P3.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com