Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S8252 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89S8252
Description  8-bit Microcontroller with 8K Bytes Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S8252 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89S8252 Datasheet HTML 17Page - ATMEL Corporation AT89S8252 Datasheet HTML 18Page - ATMEL Corporation AT89S8252 Datasheet HTML 19Page - ATMEL Corporation AT89S8252 Datasheet HTML 20Page - ATMEL Corporation AT89S8252 Datasheet HTML 21Page - ATMEL Corporation AT89S8252 Datasheet HTML 22Page - ATMEL Corporation AT89S8252 Datasheet HTML 23Page - ATMEL Corporation AT89S8252 Datasheet HTML 24Page - ATMEL Corporation AT89S8252 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
21
AT89S8252
0401G–MICRO–3/06
Oscillator
Characteristics
XTAL1 and XTAL2 are the input and output, respectively, of an inverting amplifier that
can be configured for use as an on-chip oscillator, as shown in Figure 11. Either a
quartz crystal or ceramic resonator may be used. To drive the device from an external
clock source, XTAL2 should be left unconnected while XTAL1 is driven, as shown in
Figure 12. There are no requirements on the duty cycle of the external clock signal,
since the input to the internal clocking circuitry is through a divide-by-two flip-flop, but
minimum and maximum voltage high and low time specifications must be observed.
Figure 11. Oscillator Connections
Note:
C1, C2 =
30 pF ± 10 pF for Crystals
=
40 pF ± 10 pF for Ceramic Resonators
Figure 12. External Clock Drive Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com