Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB161 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT45DB161
Description  16-megabit 2.7-volt Only Serial DataFlash
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB161 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT45DB161_01 Datasheet HTML 13Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 14Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 15Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 16Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 17Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 18Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 19Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 20Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
AT45DB161
20
Packaging Information
24C2, 24-ball (5 x 5 Array), 1.0 mm Pitch, 7 x 9.5 mm
Plastic Chip-scale Ball Grid Array (CBGA)
Dimensions in Millimeters and (Inches)*
*Controlling dimension: millimeters
A
B
C
D
E
5
432
4.0 (0.157)
2.87 (0.113)
2.61 (0.103)
0.46 (0.018)
DIA BALL TYP
1.62 (0.064)
1.36 (0.054)
4.0 (0.157)
7.2 (0.283)
6.8 (0.268)
1.40 (0.055) MAX
0.30 (0.012)
9.7 (0.381)
9.3 (0.366)
1.00 (0,039) BSC
NON-ACCUMULATIVE
1
32J, 32-lead, Plastic J-leaded Chip Carrier (PLCC)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-016 AE
.045(1.14) X 45˚
PIN NO. 1
IDENTIFY
.025(.635) X 30˚ - 45˚
.012(.305)
.008(.203)
.021(.533)
.013(.330)
.530(13.5)
.490(12.4)
.030(.762)
.015(.381)
.095(2.41)
.060(1.52)
.140(3.56)
.120(3.05)
.032(.813)
.026(.660)
.050(1.27) TYP
.553(14.0)
.547(13.9)
.595(15.1)
.585(14.9)
.300(7.62) REF
.430(10.9)
.390(9.90)
AT CONTACT
POINTS
.022(.559) X 45˚ MAX (3X)
.453(11.5)
.447(11.4)
.495(12.6)
.485(12.3)
28R, 28-lead, 0.330" Wide, Plastic Gull Wing Small
Outline (SOIC)
Dimensions in Inches and (Millimeters)
28T, 28-lead, Plastic Thin Small Outline Package
(TSOP)
Dimensions in Millimeters and (Inches)*
*Controlling dimension: millimeters
INDEX
MARK
AREA
0.55 (0.022)
BSC
0.20 (0.008)
0.10 (0.004)
7.15 (0.281)
REF
8.10 (0.319)
7.90 (0.311)
1.25 (0.049)
1.05 (0.041)
0.27 (0.011)
0.18 (0.007)
11.9 (0.469)
11.7 (0.461)
13.7 (0.539)
13.1 (0.516)
0
5
0.20 (0.008)
0.15 (0.006)
REF
0.70 (0.028)
0.30 (0.012)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com