Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB161-JC Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT45DB161-JC
Description  16-megabit 2.7-volt Only Serial DataFlash
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB161-JC Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT45DB161-JC Datasheet HTML 13Page - ATMEL Corporation AT45DB161-JC Datasheet HTML 14Page - ATMEL Corporation AT45DB161-JC Datasheet HTML 15Page - ATMEL Corporation AT45DB161-JC Datasheet HTML 16Page - ATMEL Corporation AT45DB161-JC Datasheet HTML 17Page - ATMEL Corporation AT45DB161-JC Datasheet HTML 18Page - ATMEL Corporation AT45DB161-JC Datasheet HTML 19Page - ATMEL Corporation AT45DB161-JC Datasheet HTML 20Page - ATMEL Corporation AT45DB161-JC Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AT45DB161
19
Package Type
32J
32-lead, Plastic J-leaded Chip Carrier (PLCC)
28R
28-lead, 0.330" Wide, Plastic Gull Wing Small Outline (SOIC)
28T
28-lead, Plastic Thin Small Outline Package (TSOP)
24C2
24-ball, 5 x 5 Array Plastic Chip-Scale Ball Grid Array (CBGA)
Ordering Information
f
SCK
(MHz)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
13
10
0.01
AT45DB161-JC
AT45DB161-RC
AT45DB161-TC
AT45DB161-CC
32J
28R
28T
24C2
Commercial
(0
°C to 70°C)
13
10
0.01
AT45DB161-JI
AT45DB161-RI
AT45DB161-TI
AT45DB161-CI
32J
28R
28T
24C2
Industrial
(-40
°C to 85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com