Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB161-TC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT45DB161-TC
Description  16-megabit 2.7-volt Only Serial DataFlash
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB161-TC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT45DB161-TC Datasheet HTML 4Page - ATMEL Corporation AT45DB161-TC Datasheet HTML 5Page - ATMEL Corporation AT45DB161-TC Datasheet HTML 6Page - ATMEL Corporation AT45DB161-TC Datasheet HTML 7Page - ATMEL Corporation AT45DB161-TC Datasheet HTML 8Page - ATMEL Corporation AT45DB161-TC Datasheet HTML 9Page - ATMEL Corporation AT45DB161-TC Datasheet HTML 10Page - ATMEL Corporation AT45DB161-TC Datasheet HTML 11Page - ATMEL Corporation AT45DB161-TC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AT45DB161
8
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
SB
Standby Current
CS, RESET, WP = V
IH, all inputs at
CMOS levels
310
µA
I
CC1
Active Current, Read Operation
f = 13 MHz; I
OUT = 0 mA; VCC = 3.6V
4
10
mA
I
CC2
Active Current, Program/Erase
Operation
V
CC = 3.6V
15
35
mA
I
LI
Input Load Current
V
IN = CMOS levels
1
µA
I
LO
Output Leakage Current
V
I/O = CMOS levels
1
µA
VIL
Input Low Voltage
0.6
V
V
IH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 1.6 mA; VCC = 2.7V
0.4
V
VOH
Output High Voltage
IOH = -100 µA
VCC - 0.2V
V
AC Characteristics
Symbol
Parameter
Min
Typ
Max
Units
f
SCK
SCK Frequency
13
MHz
tWH
SCK High Time
35
ns
t
WL
SCK Low Time
35
ns
t
CS
Minimum CS High Time
250
ns
tCSS
CS Setup Time
250
ns
t
CSH
CS Hold Time
250
ns
t
CSB
CS High to RDY/BUSY Low
200
ns
tSU
Data In Setup Time
10
ns
t
H
Data In Hold Time
20
ns
t
HO
Output Hold Time
0
ns
tDIS
Output Disable Time
25
ns
t
V
Output Valid
30
ns
t
XFR
Page to Buffer Transfer/Compare Time
250
350
µs
tEP
Page Erase and Programming Time
10
20
ms
t
P
Page Programming Time
715
ms
t
PE
Page Erase Time
610
ms
tBE
Block Erase Time
715
ms
t
RST
RESET Pulse Width
10
µs
tREC
RESET Recovery Time
1µs
Input Test Waveforms and Measurement Levels
t
R, tF < 5 ns (10% to 90%)
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0.45V
2.0
0.8
2.4V
Output Test Load
DEVICE
UNDER
TEST
30 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com