Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25128 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT25128
Description  SPI Serial EEPROMs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25128 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT25128 Datasheet HTML 14Page - ATMEL Corporation AT25128 Datasheet HTML 15Page - ATMEL Corporation AT25128 Datasheet HTML 16Page - ATMEL Corporation AT25128 Datasheet HTML 17Page - ATMEL Corporation AT25128 Datasheet HTML 18Page - ATMEL Corporation AT25128 Datasheet HTML 19Page - ATMEL Corporation AT25128 Datasheet HTML 20Page - ATMEL Corporation AT25128 Datasheet HTML 21Page - ATMEL Corporation AT25128 Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
AT25128/256
0872O–SEEPR–03/05
20A2 – TSSOP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
6/3/02
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
D
6.40
6.50
6.60
2, 5
E
6.40 BSC
E1
4.30
4.40
4.50
3, 5
A
–
–
1.20
A2
0.80
1.00
1.05
b
0.19
–
0.30
4
e
0.65 BSC
L
0.45
0.60
0.75
L1
1.00 REF
20A2, 20-lead (4.4 x 6.5 mm Body), 0.65 pitch,
Thin Shrink Small Outline Package (TSSOP)
Notes:
1. This drawing is for general information only. Please refer to JEDEC Drawing MO-153, Variation AC, for additional
information.
2. Dimension D does not include mold Flash, protrusions or gate burrs. Mold Flash, protrusions and gate burrs shall
not exceed 0.15 mm (0.006 in) per side.
3. Dimension E1 does not include inter-lead Flash or protrusions. Inter-lead Flash and protrusions shall not exceed
0.25 mm (0.010 in) per side.
4. Dimension b does not include Dambar protrusion. Allowable Dambar protrusion shall be 0.08 mm total in excess
of the b dimension at maximum material condition. Dambar cannot be located on the lower radius of the foot.
Minimum space between protrusion and adjacent lead is 0.07 mm.
5. Dimension D and E1 to be determined at Datum Plane H.
20A2
C
L1
A
L
D
A2
E
E1
e
b
Top View
Side View
End View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com