Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2200SQLT1 Datasheet(PDF) 14 Page - ON Semiconductor

Part # NCS2200SQLT1
Description  Low Voltage Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2200SQLT1 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button NCS2200SQLT1 Datasheet HTML 10Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 11Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 12Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 13Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 14Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 15Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 16Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 17Page - ON Semiconductor NCS2200SQLT1 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
NCS2200 Series, NCS2200A
http://onsemi.com
14
x
= I for NCS2200SN1T1
J for NCS2200SN2T1
M for NCS2202SN1T1
N for NCS2202SN2T1
A = Assembly Location
Y = Year
W = Work Week
G = Pb−Free Package
MARKING DIAGRAMS
SOT−23−5
(TSOP−5)
SN SUFFIX
CASE 483
x
= K for NCS2201SN1T1
L for NCS2201SN2T1
O for NCS2203SN1T1
P for NCS2203SN2T1
A = Assembly Location
Y = Year
W = Work Week
G = Pb−Free Package
1
6
SOT−23−6
(TSOP−6)
SN SUFFIX
CASE 318G
CAxAYW
G
G
CB = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
DFN6 2x2.2
SQL SUFFIX
CASE 488
CBx M
G
G
SC70−5
SQ SUFFIX
CASE 419A
CBx
= Specific Device Code
x
= A for NCS2200SQ2T2
D for NCS2202SQ1T2G
E for NCS2202SQ2T2G
M
= Date Code*
G
= Pb−Free Package
1
5
(Note: Microdot may be in either location)
1
5
CAx AYW
G
G
(Note: Microdot may be in either location)
(Note: Microdot may be in either location)
(Note: Microdot may be in either location)
S
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
S M
G
(Top View)
UDFN6 1.2x1.0
MU SUFFIX
CASE 517AA
CB M
G
G
*Date Code overbar and underbar may vary
depending upon manufacturing location.
*Date Code orientation, position, and underbar
may vary depending upon manufacturing
location.
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com