Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2200SQLT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS2200SQLT1G
Description  Low Voltage Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2200SQLT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCS2200SQLT1G Datasheet HTML 1Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 2Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 3Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 4Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 5Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 6Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 7Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 8Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 8
1
Publication Order Number:
NCS2200/D
NCS2200 Series, NCS2200A
Low Voltage Comparators
The NCS2200 Series is an industry first sub−one volt, low power
comparator family. These devices consume only 10
mA of supply
current. They are guaranteed to operate at a low voltage of 0.85 V
which allows them to be used in systems that require less than 1.0 V
and are fully operational up to 6.0 V which makes them convenient for
use in both 3.0 V and 5.0 V systems. Additional features include no
output phase inversion with overdriven inputs, internal hysteresis,
which allows for clean output switching, and rail−to−rail input and
output performance. The NCS2200 Series is available in the tiny
SOT−23−5 and SOT−23−6 package. There are eight options featuring
two industry standard pinouts. Additionally, the NCS2200 and
NCS2202 are available in the SC70−5 package. The NCS2200 is also
available in the tiny DFN 2x2.2 package. The NCS2200A is available
in UDFN 1.2x1.0 package. (Table 1)
The NCS2201/3 Series in the SOT−23−6 package features an enable
function, which can be externally controlled. When the enable pin is
pulled low (output tri−state mode), current consumption is typically
0.3
mA. This allows the user to implement these devices in power
sensitive applications such as portable electronics.
Features
• Operating Voltage of 0.85 V to 6.0 V
• Rail−to−Rail Input/Output Performance
• Low Supply Current of 10 mA
• No Phase Inversion with Overdriven Input Signals
• Glitchless Transitioning in or out of Tri−State Mode
• Complementary or Open Drain Output Configuration
• Available with the Enable Function
• Internal Hysteresis
• Propagation Delay of 1.1 ms
• Pb−Free Packages are Available
Typical Applications
• Single Cell NiCd/NiMH Battery Powered Applications
• Cellular Telephones
• Alarm and Security Systems
• Personal Digital Assistants
DFN 2x2.2
SQL SUFFIX
CASE 488
SOT−23−5 (TSOP−5)
SN SUFFIX
CASE 483
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
SOT−23−6 (TSOP−6)
SN SUFFIX
CASE 318G
See general marking information in the device marking
section on page 14 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
SC70−5
SQ SUFFIX
CASE 419A
5
1
6
1
1
6
5
1
UDFN 1.2x1.0
MU SUFFIX
CASE 517AA
1


Similar Part No. - NCS2200SQLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200SQLT1G ONSEMI-NCS2200SQLT1G Datasheet
169Kb / 17P
Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200SQLT1G ONSEMI-NCS2200SQLT1G Datasheet
140Kb / 18P
Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2200SQLT1G ONSEMI-NCS2200SQLT1G Datasheet
140Kb / 18P
Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2200SQLT1G ONSEMI-NCS2200SQLT1G Datasheet
140Kb / 18P
Comparators
March, 2018 ??Rev. 20
More results

Similar Description - NCS2200SQLT1G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
LOW POWER DUAL VOLTAGE COMPARATORS
Jun-2003
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
Low Voltage Comparators
March, 2005 ??Rev. 6
logo
Texas Instruments
LMV331 TI-LMV331_05 Datasheet
534Kb / 17P
GENRAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
Rohm
BU7251G ROHM-BU7251G Datasheet
518Kb / 19P
Comparators: Low Voltage CMOS
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
Low Voltage Comparators
August, 2010 ??Rev. 10
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
Low Power Low Offset Voltage Comparators
logo
ON Semiconductor
NCV2200 ONSEMI-NCV2200 Datasheet
169Kb / 17P
Low Voltage Comparators
August, 2014 ??Rev. 16
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
Low Power Low Offset Voltage Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
Low Voltage Comparators
April, 2015 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com