Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV316 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BAV316
Description  SOD-323 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BAV316 Datasheet(HTML) 1 Page - Nanjing International Group Co

  BAV316 Datasheet HTML 1Page - Nanjing International Group Co BAV316 Datasheet HTML 2Page - Nanjing International Group Co BAV316 Datasheet HTML 3Page - Nanjing International Group Co BAV316 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The marking bar indicates the cathode
BAV316
SWITCHING DIODE
FEATURES
Very Small Plastic Package
High Switching Speed
APPLICATIONS
High-Speed Switching in e.g. Surface Mounted Circuits
MARKING: XX
MAXIMUM RATINGS ( Ta=25℃ unless otherwise noted )
Symbol
Parameter
Value
Unit
VRRM
Peak Repetitive Reverse Voltage
130
VR
DC Blocking Voltage
130
V
IO
Continuous Forward Current
215
mA
PD
250
mW
RθJA
500
℃
/W
℃
TJ,Tstg
Non-repetitive Peak Forward Surge Current@t= 8.3ms
Power Dissipation
Thermal Resistance from Junction to Ambient
Operation Junction and Storage Temperature Range
-55~+150
ELECTRICAL CHARACTERISTICS(Ta=25℃ unless otherwise specified)
SOD-323
IFSM
A
2.0
XX
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Reverse breakdown voltage
V (BR)
130
IR=100μA
VF1
0.85
V
IF=1mA
VF2
0.95
IF=10mA
VF3
1
V
F=50mA
Forward voltage
VF4
1.1
F=150mA
Reverse current
IR
5
nA
VR=75V
Diode capacitance
Ctot
2
pF
VR=0V,f=1MHz
Reverse recovery time
trr
3
μs
IF=IR=10mA,Irr=0.1×IR ,
RL=100Ω
V
V
I
I
DONGGUAN NANJING ELECTRONICS LTD.,
1/4
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com


Similar Part No. - BAV316

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAV316 JIANGSU-BAV316 Datasheet
1Mb / 4P
SWITCHING DIODE
logo
Shunxin Technology Co.,...
BAV316 SXSEMI-BAV316 Datasheet
775Kb / 3P
SWITCHING DIODE
More results

Similar Description - BAV316

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
BAV16WS DAYA-BAV16WS Datasheet
179Kb / 2P
SOD-323 Plastic-Encapsulate Diodes
logo
Silicon Standard Corp.
RB551V-30 SSC-RB551V-30 Datasheet
364Kb / 2P
SOD-323 Plastic-Encapsulate Diode
logo
WILLAS ELECTRONIC CORP
1N4148WS WILLAS-1N4148WS Datasheet
520Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
1N4148WS WILLAS-1N4148WS Datasheet
481Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
1N4448WS WILLAS-1N4448WS Datasheet
454Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
logo
Zhaoxingwei Electronics...
BAT60A ZHAOXINGWEI-BAT60A Datasheet
3Mb / 1P
SOD-323 Plastic-Encapsulate Diodes
logo
Tiger Electronic Co.,Lt...
BZT52B5V1S TGS-BZT52B5V1S Datasheet
1Mb / 5P
SOD-323 Plastic-Encapsulate Diodes
logo
Nanjing International G...
B1040WS DGNJDZ-B1040WS Datasheet
1,023Kb / 4P
SOD-323 Plastic-Encapsulate Diodes
BAS16WX DGNJDZ-BAS16WX Datasheet
1Mb / 4P
SOD-323 Plastic-Encapsulate Transistors
logo
Guangdong Youtai Semico...
CESD3V3D3 UMW-CESD3V3D3 Datasheet
608Kb / 5P
SOD-323 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com