Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF230 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT86RF230
Description  ZigBee/IEEE 802.15.4-Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF230 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT86RF230 Datasheet HTML 17Page - ATMEL Corporation AT86RF230 Datasheet HTML 18Page - ATMEL Corporation AT86RF230 Datasheet HTML 19Page - ATMEL Corporation AT86RF230 Datasheet HTML 20Page - ATMEL Corporation AT86RF230 Datasheet HTML 21Page - ATMEL Corporation AT86RF230 Datasheet HTML 22Page - ATMEL Corporation AT86RF230 Datasheet HTML 23Page - ATMEL Corporation AT86RF230 Datasheet HTML 24Page - ATMEL Corporation AT86RF230 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
21
AT86RF230
5131A-ZIGB-06/14/06
range from 400 nF to 10 µF. A higher capacitor value provides better voltage stability, but increases the voltage
regulator settling time.
Bandgap
voltage
reference
1.25V
VDEC
VDD
VREG_TRIM[1:0]
Figure 6-1.
Simplified Schematic of VREG
The voltage regulators can be configured using the register 0x10 (VREG_CTRL). The read-only bit values
AVDD_OK = 1 and DVDD_OK = 1 indicate a stable, regulated supply voltage.
It is possible to use external voltage regulators instead of the internal regulators. For this special application the
internal regulators need to be switched off by setting the register bits to the values AVREG_EXT = 1 and
DVREG_EXT = 1. A regulated external supply voltage of 1.8V needs to be connected to the pins VDEC1 and
VDEC2. When turning on the external supply, ensure a sufficiently long stabilization time before interacting with the
AT86RF230.
6.5.
Battery Monitor
The battery monitor (BATMON) detects and signals a low battery or supply voltage. This is done by comparing the
current voltage on the VDD pins with a programmable internal threshold voltage. Figure 6-2 shows the simplified
schematic of the BATMON with the most important input and output signals.
BATMON_HR
BATMON_VTH
4
VDD
Threshold
Voltage
BATMON_OK
„1“
BATMON_IRQ
For input-to-output mapping
see control register
0x11 (BATMON)
DAC
+
-
D
Q
clear
Figure 6-2.
Simplified Schematic of BATMON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com