Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISF1017 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISF1017
Description  SiC N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISF1017 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISF1017 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISF1017 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISF1017 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISF1017 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISF1017 Datasheet HTML 5Page - Inchange Semiconductor Company Limited ISF1017 Datasheet HTML 6Page - Inchange Semiconductor Company Limited ISF1017 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ISF1017
SiC N-Channel MOSFET
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V; ID= 0.25mA
900
--
--
V
VGS(th)
Gate Threshold Voltage
VDS = 10V, ID = 0.25mA
2.0
--
4.0
V
RDS(on)
Drain-Source On-stage Resistance
VGS= 20V; ID= 40A
--
31
38
mΩ
VGS= 18V; ID= 40A
--
35
42
VGS= 15V; ID= 40A
--
43
52
IGSS
Gate Source Leakage Current
VGS= 20V; VDS= 0V
--
--
10
uA
IDSS
Zero Gate Voltage Drain Current
VDS = 900V, VGS = 0V
--
--
1.0
uA
RG
Gate resistance
VGS=0V,
VAC=25mV,f=1.0MHZ
--
2.4
--
Ω
Ciss
Input Capacitance
VGS = 0V,
VDS = 900V,
f = 1.0MHz
VAC=25mV
--
2352
--
pF
Coss
Output Capacitance
--
155
--
Crss
Reverse Transfer Capacitance
--
23
--
Qg
Total Gate Charge
VGS= -3/+18V,
VDS= 400V,
ID=80A
--
162
--
nC
Qgs
Gate-Source Charge
--
6.6
--
Qgd
Gate-Drain Charge
--
45
--
td(on)
Turn-on Delay Time
VGS= -3/+18V,
ID=40A,
VDS=400V,
RG=25Ω,
--
57
--
ns
tr
Turn-on Rise Time
--
143
--
td(off)
Turn-off Delay Time
--
225
--
tf
Turn-off Fall Time
--
171
--



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com